Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # DS80C310
Description  High-Speed Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C310 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button DS80C310 Datasheet HTML 11Page - Maxim Integrated Products DS80C310 Datasheet HTML 12Page - Maxim Integrated Products DS80C310 Datasheet HTML 13Page - Maxim Integrated Products DS80C310 Datasheet HTML 14Page - Maxim Integrated Products DS80C310 Datasheet HTML 15Page - Maxim Integrated Products DS80C310 Datasheet HTML 16Page - Maxim Integrated Products DS80C310 Datasheet HTML 17Page - Maxim Integrated Products DS80C310 Datasheet HTML 18Page - Maxim Integrated Products DS80C310 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
DS80C310
15 of 22
Note 2:
Address is held in a weak latch until overdriven by external memory.
EXTERNAL CLOCK CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Clock High Time
tCHCX
10
ns
Clock Low Time
tCLCX
10
ns
Clock Rise Time
tCLCL
5
ns
Clock Fall Time
tCHCL
5
ns
SERIAL PORT MODE 0 TIMING CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SM2 = 0, 12 clocks per cycle
12tCLCL
Serial Port Clock Cycle
Time
tXLXL
SM2 = 1, 4 clocks per cycle
4tCLCL
ns
SM2 = 0, 12 clocks per cycle
10tCLCL
Output Data Setup to
Clock Rising
tQVXH
SM2 = 1, 4 clocks per cycle
3tCLCL
ns
SM2 = 0, 12 clocks per cycle
2tCLCL
Output Data Hold from
Clock Rising
tXHQX
SM2 = 1, 4 clocks per cycle
tCLCL
ns
SM2 = 0, 12 clocks per cycle
tCLCL
Input Data Hold after
Clock Rising
tXHDX
SM2 = 1, 4 clocks per cycle
tCLCL
ns
SM2 = 0, 12 clocks per cycle
11tCLCL
Clock Rising Edge to
Input Data Valid
tXHDV
SM2 = 1, 4 clocks per cycle
3tCLCL
ns
DEFINITION OF AC SYMBOLS
In an effort to remain compatible with the original 8051 family, this device specifies the same parameters
as such devices, using the same symbols. For completeness, the following are description of the symbols.
t
Time
A
Address
C
Clock
D
Input Data
H
Logic Level High
L
Logic Level Low
I
Instruction
P
PSEN
Q
Output Data
R
RD Signal
V
Valid
W
WR Signal
X
No longer a valid logic level
Z
Tri-State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com