Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS80C310
Description  High-Speed Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C310 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS80C310 Datasheet HTML 9Page - Maxim Integrated Products DS80C310 Datasheet HTML 10Page - Maxim Integrated Products DS80C310 Datasheet HTML 11Page - Maxim Integrated Products DS80C310 Datasheet HTML 12Page - Maxim Integrated Products DS80C310 Datasheet HTML 13Page - Maxim Integrated Products DS80C310 Datasheet HTML 14Page - Maxim Integrated Products DS80C310 Datasheet HTML 15Page - Maxim Integrated Products DS80C310 Datasheet HTML 16Page - Maxim Integrated Products DS80C310 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DS80C310
13 of 22
AC ELECTRICAL CHARACTERISTICS (Note 1)
25MHz
VARIABLE
CLOCK
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
External Oscillator
0
25
0
25
Oscillator
Frequency
External Crystal
1/tCLCL
1
25
1
25
MHz
ALE Pulse Width
tLHLL
40
1.5tCLCL-
5
ns
Port 0 Address Valid to ALE Low
tAVLL
10
0.5tCLCL-
5
ns
Address Hold after ALE Low
tLLAX1
2
(Note 2)
0.5tCLCL-
18
(Note 2)
ns
ALE Low to Valid Instruction In
tLLIV
56
2.5tCLCL-
20
ns
ALE Low to
PSEN Low
tLLPL
7
0.5tCLCL-
13
ns
PSEN Pulse Width
tPLPH
55
2tCLCL-5
ns
PSEN Low to Valid Instruction In
tPLIV
41
2tCLCL-
20
ns
Input Instruction Hold after
PSEN
tPXIX
0
0
ns
Input Instruction Float after
PSEN
tPXIZ
26
tCLCL-5
ns
Port 0 Address to Valid Instruction In
tAVIV1
71
3tCLCL-
20
ns
Port 2 Address to Valid Instruction In
tAVIV2
81
3.5tCLCL-
25
ns
PSEN Low to Address Float
tPLAZ
(Note 2)
(Note 2)
ns
Note 1:
All parameters apply to both commercial and industrial temperature operation unless otherwise noted. Specifications to -40
C
are guaranteed by design and not product tested. AC electrical characteristics assume 50% duty cycle for the oscillator, and
are not 100% tested but are guaranteed by design. All signals characterized with load capacitance of 80pF except Port 0, ALE,
PSEN, and WR with 100pF. Interfacing to memory devices with float times (turn-off times) over 25ns can cause contention.
This does not damage the parts, but rather causes an increase in operating current. Port 2 and ALE timing changes in relation
to duty cycle variation.
Note 2:
Address is held in a weak latch until overdriven by external memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com