Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # DS80C310
Description  High-Speed Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C310 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button DS80C310 Datasheet HTML 14Page - Maxim Integrated Products DS80C310 Datasheet HTML 15Page - Maxim Integrated Products DS80C310 Datasheet HTML 16Page - Maxim Integrated Products DS80C310 Datasheet HTML 17Page - Maxim Integrated Products DS80C310 Datasheet HTML 18Page - Maxim Integrated Products DS80C310 Datasheet HTML 19Page - Maxim Integrated Products DS80C310 Datasheet HTML 20Page - Maxim Integrated Products DS80C310 Datasheet HTML 21Page - Maxim Integrated Products DS80C310 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
DS80C310
22 of 22
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim
reserves the right to change the circuitry and specifications without notice at any time.
M a x i m In tegra t ed P r oduc ts , 1 2 0 S a n Ga brie l D r iv e , Sun ny vale , CA 94 086 40 8 - 7 3 7 - 76 00
© 2009 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
REVISION HISTORY
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
090198
1) Added note to clarify IIL specification.
2) Changed serial port mode 0 timing diagram label from tQVXL to
tQVXH.
3) Changed minimum oscillator frequency to 1MHz when using
external crystal.
4) Corrected “Data memory write with stretch” diagrams to show
falling edge of ALE coincident with rising edge of C3 clock.
012401
1) Added errata disclaimer to page 1.
102405
1) Device moved to qualified status. Removed “Preliminary” status
from data sheet.
2) Removed references to 33MHz versions of the device.
3) Added note requiring 100 machine cycles delay following stop
mode exit. This edit transfers existing erratum from errata sheet
into data sheet.
4) Updated Absolute Maximum Ratings table to match current
format.
5) Displayed Electrical Characteristics test conditions.
6) Added notation that -40
C specifications are guaranteed by
design but not tested.
7) Clarified DC Electrical Characteristics note that the specification
only applies to the first clock cycle following the transition.
8) Added lead-free part numbers to Ordering Information table.
9) Added tAVLL2 specification.
10) Updated AC timing characteristics with full characterization
data.
042106
1) Changed lead-free ordering information part numbers to
correctly reflect that the “+” comes after part numbers (e.g.,
DS80C310-MCG+).
2) Added Note 2 to the AC Electrical Characteristics and MOVX
Characteristics tables.
13, 14
8/09
Removed additional references to 33MHz versions of the device.
1, 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com