Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND01G-N Datasheet(PDF) 14 Page - STMicroelectronics

Part # NAND01G-N
Description  1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-N Datasheet(HTML) 14 Page - STMicroelectronics

Back Button NAND01G-N Datasheet HTML 10Page - STMicroelectronics NAND01G-N Datasheet HTML 11Page - STMicroelectronics NAND01G-N Datasheet HTML 12Page - STMicroelectronics NAND01G-N Datasheet HTML 13Page - STMicroelectronics NAND01G-N Datasheet HTML 14Page - STMicroelectronics NAND01G-N Datasheet HTML 15Page - STMicroelectronics NAND01G-N Datasheet HTML 16Page - STMicroelectronics NAND01G-N Datasheet HTML 17Page - STMicroelectronics NAND01G-N Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Signals description
NAND01G-N
14/23
Rev1.0
2.12
LPSDRAM Address Inputs (A0-A12)
The A0-A12 Address Inputs are used by the LPSDRAM to select the row or column to be
made active. If a row is selected, all thirteen, A0-A12 Address Inputs are used. If a column is
selected, only the nine least significant Address Inputs, A0-A8, are used. In this latter case,
A10 determines whether Auto Precharge is used. If A10 is High (set to ‘1’) during Read or
Write, the Read or Write operation includes an Auto Precharge cycle. If A10 is Low (set to
‘0’) during Read or Write, the Read or Write cycle does not include an Auto Precharge cycle.
2.13
LPSDRAM Bank Select Address Inputs (BA0-BA1)
The BA0 and BA1 Banks Select Address Inputs are used by the LPSDRAM to select the
bank to be made active.
The LPSDRAM must be enabled, the Row Address Strobe, RAS, must be Low, VIL, the
Column Address Strobe, CAS, and W must be High, VIH, when selecting the addresses.
2.14
LPSDRAM Data Inputs/Outputs (DQ0-DQ15)
On the LPSDRAM, DQ0-DQ15 output the data stored at the selected address during a
Read operation, or are used to input the data during a write operation.
2.15
LPSDRAM Chip Select (ED)
The Chip Select input E activates the LPSDRAM state machine, address buffers and
decoders when driven Low, VIL. When High, VIH the device is not selected.
2.16
LPSDRAM Column Address Strobe (CAS)
The Column Address Strobe, CAS, is used in conjunction with Address Inputs A8-A0 and
BA1-BA0, to select the starting column location prior to a Read or Write.
2.17
LPSDRAM Row Address Strobe (RAS)
The Row Address Strobe, RAS, is used in conjunction with Address Inputs A11-A0 and
BA1-BA0, to select the starting address location prior to a Read or Write.
2.18
LPSDRAM Write Enable (WD)
The LPSDRAM Write Enable input, W, controls writing to the LPSDRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com