Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND01G-N Datasheet(PDF) 18 Page - STMicroelectronics

Part # NAND01G-N
Description  1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-N Datasheet(HTML) 18 Page - STMicroelectronics

Back Button NAND01G-N Datasheet HTML 14Page - STMicroelectronics NAND01G-N Datasheet HTML 15Page - STMicroelectronics NAND01G-N Datasheet HTML 16Page - STMicroelectronics NAND01G-N Datasheet HTML 17Page - STMicroelectronics NAND01G-N Datasheet HTML 18Page - STMicroelectronics NAND01G-N Datasheet HTML 19Page - STMicroelectronics NAND01G-N Datasheet HTML 20Page - STMicroelectronics NAND01G-N Datasheet HTML 21Page - STMicroelectronics NAND01G-N Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Maximum rating
NAND01G-N
18/23
Rev1.0
4
Maximum rating
Stressing the device above the rating listed in the Absolute Maximum Ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 3.
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Min
Max
TA
Ambient Operating Temperature
-30
85
°C
TBIAS
Temperature Under Bias(1)
TBD
TBD
°C
TSTG
Storage Temperature
-55
125
°C
VIO
NAND Flash Input or Output Voltage
1.8V
-0.6
2.7
V
LPSDRAM Input or Output Voltage
1.8V
-1.0
2.6
V
VDDF
NAND Flash Supply Voltage
1.8V
-0.6
2.7
V
VDDD, VDDQD
LPSDRAM Supply Voltage
1.8V
-1.0
2.6
V
LPSDRAM Short Circuit
Output Current
IOS
50
mA
LPSDRAM Power
Dissipation
PD
1
W
1.
TBD stands for ‘To Be Determined’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com