Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND01G-N Datasheet(PDF) 1 Page - STMicroelectronics

Part # NAND01G-N
Description  1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-N Datasheet(HTML) 1 Page - STMicroelectronics

  NAND01G-N Datasheet HTML 1Page - STMicroelectronics NAND01G-N Datasheet HTML 2Page - STMicroelectronics NAND01G-N Datasheet HTML 3Page - STMicroelectronics NAND01G-N Datasheet HTML 4Page - STMicroelectronics NAND01G-N Datasheet HTML 5Page - STMicroelectronics NAND01G-N Datasheet HTML 6Page - STMicroelectronics NAND01G-N Datasheet HTML 7Page - STMicroelectronics NAND01G-N Datasheet HTML 8Page - STMicroelectronics NAND01G-N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
PRELIMINARY DATA
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
January 2006
Rev1.0
1/23
2
NAND01G-N
1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and
512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
Features summary
■
Multi-chip Package
– NAND Flash Memory
– 512 Mbit or 1 Gbit (x8/x16) Large Page
Size NAND Flash Memory
– 512 Mbit (x16) SDR or DDR LPSDRAM
■
Temperature range
– -30 up to 85 °C
■
Supply voltage
– NAND Flash : VDDF = 1.7V to 1.95V
–LPSDRAM: VDDD = VDDQD = 1.7V to 1.9V
■
Electronic Signature
■
ECOPACKpackages
Flash Memory
■
Nand Interface
– x8 or x16 bus width
– Multiplexed address/data
■
Page size
– x8 device: (2048 + 64 spare) Bytes
– x16 device: (1024 + 32 spare) Words
■
Block size
– x8 device: (128K + 4K spare) Bytes
– x16 device: (64K + 2K spare) Words
■
Page Read/Program
– Random access: 25µs (max)
– Sequential access: 50ns (min)
– Page program time: 300µs (typ)
■
Copy Back Program mode
– Fast page copy without external buffering
■
Fast Block Erase
– Block Erase time: 2ms (typ)
■
Chip Enable ‘don’t care’
– for simple interfacing with microcontrollers
■
Status Register
SDR/DDR LPSDRAM
■
Interface: x16 bus width
■
Programmable Partial Array Self Refresh
■
Auto Temperature Compensated Self Refresh
■
Deep Power Down mode
■
1.8V LVCMOS interface
■
Quad internal Banks controlled by BA0 and
BA1
■
Wrap sequence: Sequential/Interleaved
■
Automatic and Controlled Precharge
■
Auto Refresh and Self Refresh
■
8,192 Refresh Cycles/64ms
■
Burst Termination by Burst Stop command and
Precharge Command
FBGA
TFBGA107 10.5 x 13 x 1.2mm
TFBGA149 10 x 13.5 x 1.2mm
www.st.com


Similar Part No. - NAND01G-N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01G-A STMICROELECTRONICS-NAND01G-A Datasheet
916Kb / 57P
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
25-Feb-2005
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
13-Feb-2006
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
383Kb / 59P
512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
25-Feb-2005
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
23-Nov-2006
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
More results

Similar Description - NAND01G-N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND128-A STMICROELECTRONICS-NAND128-A Datasheet
916Kb / 57P
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
25-Feb-2005
M36D0R6040T0 STMICROELECTRONICS-M36D0R6040T0 Datasheet
329Kb / 18P
64 Mbit (4Mb x16, Multiple Bank, Page) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
07-Dec-2003
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
13-Feb-2006
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
20-Jul-2006
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
23-Nov-2006
NAND04GA3C2A STMICROELECTRONICS-NAND04GA3C2A Datasheet
504Kb / 51P
4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
09-Nov-2006
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
24-Aug-2006
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
2Gb x8, x16: NAND Flash Memory
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
25-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com