Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND01G-N Datasheet(PDF) 22 Page - STMicroelectronics

Part # NAND01G-N
Description  1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-N Datasheet(HTML) 22 Page - STMicroelectronics

Back Button NAND01G-N Datasheet HTML 15Page - STMicroelectronics NAND01G-N Datasheet HTML 16Page - STMicroelectronics NAND01G-N Datasheet HTML 17Page - STMicroelectronics NAND01G-N Datasheet HTML 18Page - STMicroelectronics NAND01G-N Datasheet HTML 19Page - STMicroelectronics NAND01G-N Datasheet HTML 20Page - STMicroelectronics NAND01G-N Datasheet HTML 21Page - STMicroelectronics NAND01G-N Datasheet HTML 22Page - STMicroelectronics NAND01G-N Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Revision history
NAND01G-N
22/23
Rev1.0
7
Revision history
Table 7.
Document Revision History
Date
Version
Revision Details
18-Oct-2004
0.1
First Issue
19-Oct-2004
0.2
Figure 1: Logic Diagram modified. Table 1: Product List modified.
26-Oct-2005
0.3
NAND512-N device removed from the document.TFBGA137 packages
removed from document. SDR 256Mb (x32) and SDR 512Mb (x32)
devices removed from document. NAND01GR3N3 removed throughout
document.
LDQM and UDQM replaced respectively by DQM0 and DQM1throughout
document.
DRAM changed to LPSDRAM throughout document.
LFBGA107 added throughout document. NAND01GR3N1,
NAND01GR3N2, NAND01GR3N6, NAND01GR4N5 added throughout
document.
31-Jan-2006
1.0
Note 1 below Table 2: Signal Names and Figure 1: Logic Diagram added
to cover both part numbers.
Figure 2: TFBGA107 connections, x16 Bus Width (Top view through
package) and Figure 3: TFBGA149 Connections (Top view through
package) updated.
Section 2: Signals description and Section 3: Functional description
added.
256Mb LPSDRAM removed.
LFBGA107 (12 x 13 x 1.4mm) and LFBGA149 (10 x 13.5 x 1.4mm)
replaced by TFBGA107 (10.5x13x1.2mm) and TFBGA149
(10x13.5x1.2mm), respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com