Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7651AS Datasheet(PDF) 14 Page - Exar Corporation

Part # MP7651AS
Description  8-Channel, Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Data Port and Chip Select Decoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7651AS Datasheet(HTML) 14 Page - Exar Corporation

Back Button MP7651AS Datasheet HTML 10Page - Exar Corporation MP7651AS Datasheet HTML 11Page - Exar Corporation MP7651AS Datasheet HTML 12Page - Exar Corporation MP7651AS Datasheet HTML 13Page - Exar Corporation MP7651AS Datasheet HTML 14Page - Exar Corporation MP7651AS Datasheet HTML 15Page - Exar Corporation MP7651AS Datasheet HTML 16Page - Exar Corporation MP7651AS Datasheet HTML 17Page - Exar Corporation MP7651AS Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP7651
14
Rev. 2.00
Graph 9. Linearity Error vs.
Digital Input Code
DACs 0 to 3
Graph 10. Linearity Error
vs. Digital Input Code
DACs 4 to 7
Graph 11. Preset Voltage vs. Temperature
Graph 12. PSRR vs. Frequency
Graph 13. Gain & Phase vs. Frequency
Graph 14. Feedthrough vs. Frequency
VR = 1.6 V p-p
VR = 500 mV p-p
Digital Input Code
Digital Input Code
Gain
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com