Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7651AS Datasheet(PDF) 7 Page - Exar Corporation

Part # MP7651AS
Description  8-Channel, Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Data Port and Chip Select Decoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7651AS Datasheet(HTML) 7 Page - Exar Corporation

Back Button MP7651AS Datasheet HTML 3Page - Exar Corporation MP7651AS Datasheet HTML 4Page - Exar Corporation MP7651AS Datasheet HTML 5Page - Exar Corporation MP7651AS Datasheet HTML 6Page - Exar Corporation MP7651AS Datasheet HTML 7Page - Exar Corporation MP7651AS Datasheet HTML 8Page - Exar Corporation MP7651AS Datasheet HTML 9Page - Exar Corporation MP7651AS Datasheet HTML 10Page - Exar Corporation MP7651AS Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MP7651
7
Rev. 2.00
THEORY OF OPERATION
MP7651 is equipped with a serial data 3-wire standard
µ-
processor logic interface to reduce pin count, package size (28
pin), and board wire (space). This interface consists of LD which
controls the transfer of data to the selected DAC channel, SDI
(serial data/address input), CLK (shift register clock) and SDO
(serial data output). When the LD signal is high, CLK signal
loads the digital input bits (SDI) into the 16-bit shift register (8 bits
data D7 to D0, plus 4 bits address A3 to A0, and 4 bits of Chip
Select data CS0S to CS3S). If the CS0S to CS3S in the shift reg-
ister match the parallel chip-select address (CS0P to CS3P) for
the selected chip, then the LD signal going low loads the data
into the selected DAC of that chip. The LD signal going low also
disables the serial data input (SDI), output (SDO 3-stated) and
the CLK input. This design tremendously reduces digital noise,
and glitch transients into the DACs due to free running CLK and
SDI. Also, 3-stating the SDO output with LD signal would allow
read back of pre-stored digital data of the selected package us-
ing one SDO wire for all DAC ICs on the board. Note also that
the reset signal (RST) resets all analog outputs to 1/2 of VREF,
regardless of any digital inputs. Also note that the input VRi is
referenced to GND.
D
256
AGND
(
1
)
256
()
256
()
256
255
254
(VRi – AGND)
+ AGND
DAC Output Voltage
VOi = AGND + (VRi – AGND) (
)
(VRi – AGND)
+ AGND
(VRi – AGND)
+ AGND
Function
A3 A2 A1 A0
LD
CLK
RST
Shift Data In
and Out
XX
X
X
1
0
→1
1
Repeat
Load DACs
DAC 0
0
0
0
1
DAC 1
0
0
1
0
DAC 2
0
0
1
1
DAC 3
0
1
0
0
DAC 4
0
1
0
1
DAC 5
0
1
1
0
DAC 6
0
1
1
1
DAC 7
1
0
0
0
1
→0
1
→0
1
→0
1
→0
1
→0
1
→0
1
→0
X
X
X
Table 1. Digital Function Truth Table
Serial In/Serial Out
X
X
X
X
X
1
1
1
1
1
1
1
1
Reset all DACs
to VREF/2
XX
X
X
X
X
0
11
1
0
11
1
1
1
1
No Operation
No Operation
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
0000
0
0
0
0
1111
1
1
1
0
1111
1
1
1
1
00
Table 2. DAC Transfer Function
Analog Output vs. Digital Code
00
0
0
0
1
CS0S CS1S CS2S CS3S
XX
X
X
1
→0
Matched with 4 parallel
chip select data
CS0P to CS3P
XX
X
X
X
X
X
X
X
SDI
Data Input
X
X
X
X
X
X
X
X
X
X
X
SDO
Data Output
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
0
0
0
0
No Operation
Stop Shifting
Data In and
Out
XX
X
X
0
1
XX
X
X
Hi-Z
XX
X
No Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com