Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7651AS Datasheet(PDF) 6 Page - Exar Corporation

Part # MP7651AS
Description  8-Channel, Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Data Port and Chip Select Decoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7651AS Datasheet(HTML) 6 Page - Exar Corporation

Back Button MP7651AS Datasheet HTML 2Page - Exar Corporation MP7651AS Datasheet HTML 3Page - Exar Corporation MP7651AS Datasheet HTML 4Page - Exar Corporation MP7651AS Datasheet HTML 5Page - Exar Corporation MP7651AS Datasheet HTML 6Page - Exar Corporation MP7651AS Datasheet HTML 7Page - Exar Corporation MP7651AS Datasheet HTML 8Page - Exar Corporation MP7651AS Datasheet HTML 9Page - Exar Corporation MP7651AS Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MP7651
6
Rev. 2.00
Figure 1. Serial Data Timing and Loading
Figure 2. Detail Serial Data Input Timing (RST = “1”)
A3
A2
A1
A0
D7
D6
SDI
(Data In)
1
0
CLK
1
0
1
0
DAC Register
Loaded
VOUT
Figure 3. RESET Operation
SDI
1
0
CLK
1
0
1
0
VOUT
SDO
1
0
tDS
tCH
tCL
tDH
tPD
tLDSU
tHZ1
tHZ2
tLDCK1
tLD
tSD
tLDCK2
+ 1/2 LSB BAND
RST
1
0
VO = VREF
VO = VREF/2
+ 1/2 LSB ERROR BAND
tRST
tSD
CS3S CS2S CS1S CS0S
tCSLD
1
0
CSOP-CS3P
+5 V
0 V
D0
HIGH Z
tCKLD2
tCKLD1
LD
LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com