Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7651AS Datasheet(PDF) 15 Page - Exar Corporation

Part # MP7651AS
Description  8-Channel, Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Data Port and Chip Select Decoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7651AS Datasheet(HTML) 15 Page - Exar Corporation

Back Button MP7651AS Datasheet HTML 11Page - Exar Corporation MP7651AS Datasheet HTML 12Page - Exar Corporation MP7651AS Datasheet HTML 13Page - Exar Corporation MP7651AS Datasheet HTML 14Page - Exar Corporation MP7651AS Datasheet HTML 15Page - Exar Corporation MP7651AS Datasheet HTML 16Page - Exar Corporation MP7651AS Datasheet HTML 17Page - Exar Corporation MP7651AS Datasheet HTML 18Page - Exar Corporation MP7651AS Datasheet HTML 19Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP7651
15
Rev. 2.00
Graph 15. Gain (VO/VR) vs. Frequency
Open Loop/Unloaded Output*
Graph 16. THD vs. Frequency
Graph 17. ICC vs. Temperature
Graph 18. IEE vs. Temperature
Graph 19. Reference Input Voltage
Range vs. Supply Voltages
Graph 20. All Channel
Crosstalk vs. Frequency
All DACs driven, measured DAC
@ zero scale and other DACs
@ full scale
All DACs except monitored
driven, all DACs @ full scale
A
B
VR = 6 V p-p
3 V p-p
1.5 V p-p
1 V p-p
0.5 V p-p
GE = +1.5% FSR
VRR Negative
VRR Positive
– V
* A 2K or 5K resistor across output and VEE will remove peaking (See graph 26).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com