Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REFD5683 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # REFD5683
Description  Monterey (MAXREFDES15#): Ultra-Low Power, High-Accuracy 4??0mA 2-Wire Current-Loop Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REFD5683 Datasheet(HTML) 2 Page - Maxim Integrated Products

  REFD5683 Datasheet HTML 1Page - Maxim Integrated Products REFD5683 Datasheet HTML 2Page - Maxim Integrated Products REFD5683 Datasheet HTML 3Page - Maxim Integrated Products REFD5683 Datasheet HTML 4Page - Maxim Integrated Products REFD5683 Datasheet HTML 5Page - Maxim Integrated Products REFD5683 Datasheet HTML 6Page - Maxim Integrated Products REFD5683 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
More detailed image (GIF)
Figure 1. The Monterey subsystem design block diagram.
Features
Ultra-low power
-100°C to +100°C interval
High accuracy
High precision
Simple power supply and wide input range
System current consumption less than 2.1mA
Resistance temperature detector (RTD) PT1000
Resolution 10,000 counts or 0.1%
Accuracy 0.25%
Equipment Required
10V to 40V power supply
High-accuracy current meter
RTD PT1000 sensor or a temperature calibrator
Quick Start
Connect an industrial standard power supply across LOOP+ and LOOP- terminals of J1 to power up the board.
Connect the sensor across J3. The current design of the board is configured for 2-wire RTD application. Minor modifications at the
sensor side can be performed to use a 3/4-wire RTD application.
Jumper Descriptions
Table 1. Connector Description and Default Jumper Positions
Jumper
Default Position
Function
J1
Installed
Power pin for Monterey Board. Connect across LOOP+ and LOOP- for power.
J2
Installed
J3
Installed
Connect RTD across IN+ and IN-.
J4
Installed across pins
1 and 2
Using a jumper across pins 1 and 2 of J4 uses the MAX44248. This case is used to gain the
input signal.
Page 2 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com