Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REFD5683 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # REFD5683
Description  Monterey (MAXREFDES15#): Ultra-Low Power, High-Accuracy 4??0mA 2-Wire Current-Loop Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REFD5683 Datasheet(HTML) 5 Page - Maxim Integrated Products

  REFD5683 Datasheet HTML 1Page - Maxim Integrated Products REFD5683 Datasheet HTML 2Page - Maxim Integrated Products REFD5683 Datasheet HTML 3Page - Maxim Integrated Products REFD5683 Datasheet HTML 4Page - Maxim Integrated Products REFD5683 Datasheet HTML 5Page - Maxim Integrated Products REFD5683 Datasheet HTML 6Page - Maxim Integrated Products REFD5683 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Santa Fe Board MAXREFDES5# AFE as receiver
Munich USB2PMB1# adaptor board
1. Download the most recent version of the Munich USB2PMB1# board software, PMOD_SPI.ZIP. Save the software to a temporary
folder and decompress the ZIP file.
2. Connect the USB cable between the Munich USB2PMB1# board and the PC; the USB driver is installed automatically.
3. Connect the Munich USB2PMB1# board’s 2 x 6-pin right-angle connector to the Santa Fe's 2 x 6-pin right-angle header.
4. With the power supply off, connect the positive lead of 12V DC power supply to LOOP+ on the Monterey board.
5. Connect LOOP- on the Monterey board to AIN2 on the Santa Fe board.
6. Connect GND2 on the Santa Fe board to the negative lead of the power supply.
7. Connect RTD connector of the Fluke 724 to IN+ of the Monterey board.
8. Connect COM connector of the Fluke 724 to IN- of the Monterey board.
9. Push the RTD button on the Fluke 724 to select PT1000.
10. Turn on the power supply.
11. Open the Munich USB2PMB1# GUI and select the Santa Fe tab.
12. Click on the Scan_Devices tab and make sure that Hardware: Santa Fe Connected is shown on the GUI.
13. Select 0V to +6V input range on the GUI.
14. Select PlotCurrent on the GUI.
15. Push the Measure/Source button on the Fluke 724 to select Source.
16. Adjust the arrow button on the Fluke 724 to set the temperature to -100°C. Observe that the current display on the GUI is 4mA.
17. Similarly, adjust the arrow button on the Fluke 724 to set the temperature to +100°C. Observe that the current display on the GUI is
20mA.
Lab Measurements
Figure 3. Error change vs. temperature at 12V.
Page 5 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com