Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REFD5683 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # REFD5683
Description  Monterey (MAXREFDES15#): Ultra-Low Power, High-Accuracy 4??0mA 2-Wire Current-Loop Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REFD5683 Datasheet(HTML) 4 Page - Maxim Integrated Products

  REFD5683 Datasheet HTML 1Page - Maxim Integrated Products REFD5683 Datasheet HTML 2Page - Maxim Integrated Products REFD5683 Datasheet HTML 3Page - Maxim Integrated Products REFD5683 Datasheet HTML 4Page - Maxim Integrated Products REFD5683 Datasheet HTML 5Page - Maxim Integrated Products REFD5683 Datasheet HTML 6Page - Maxim Integrated Products REFD5683 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Transmitter
The analog front-end combines the following:
RTD sensor PT1000
Ultra-precision, low-noise, zero-drift operational amplifier (MAX44248)
Ultra-low-power, high-accuracy delta-sigma ADC (MAX11200)
The low-power microcontroller (MAXQ615) is used to implement calibration and linearization.
The sensor used in the Monterey board is a platinum resistance thermometer (PT1000). The entire system offers excellent accuracy of
wide temperature range from -100°C to +100°C. The basic operation of this sensor block is to measure the temperature, which is
subsequently converted into current by the 4–20mA loop current source.
The variation in temperature creates a change in galvanic resistance of the wheatstone bridge, due to change in the resistivity of the RTD
element. As the temperature ranges from -100°C to +100°C, a 150mV differential voltage swing is observed across the wheatstone bridge
to INPUT A and INPUT B of the 50x amplifier.
The gain stage is used to amplify very minor differential voltage arising from the wheat-stone bridge. Jumpers J4 and J5 provide options to
use the amplifier stage or bypass it. When used, the differential voltage is gained 50 times by using the MAX44248 before digitized by the
MAX11200 ADC. A dual amplifier stage (MAX44248) is used as a 50x differential amplifier. The gain can be changed by changing the
resistors to match the desired signal range from the wheatstone bridge, thereby maintaining proper input signal range and output swing
from the amplifier driving the ADC.
Figure 2. Amplifier gain stage sensor block.
The MAXQ615 microcontroller then maps for the voltage represented to the calibrated temperature reading that the PT1000 is expected to
show. The MAXQ615 has a transfer function that compensates for the nonlinear function of the PT1000. The below equation represents
the compensation function:
T = 0.8462dV2 - 48.6623dV - 0.1519
where T is the temperature and dV is differential voltage
The above information only supports the PT1000 and for this specified wheatstone bridge configuration, sensor front-end component
selection. This mapped information is then sent to the transmitter through the SPI interface for loop-current generation.
The Transmitter Block
The transmitter block description and step-by-step design guide is discussed in the MAX5216LPT data sheet.
Evaluation of 4–20mA Loop Application
To evaluate the complete 4–20mA loop application, the following is required.
The Monterey Board (MAXREFDES15#), consisting of the smart sensor block and low-power transmitter
An analog front-end receiver (Santa Fe, Campbell, Fresno)
An interface board such as Munich USB2PMB1# can be used to facilitate the evaluation of this application.
The following step-by-step user guide explains testing the entire application using the
RTD Fluke 724 calibrator at the sensor end
Monterey Board MAXREFDES15#
Page 4 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com