Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REFD5683 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # REFD5683
Description  Monterey (MAXREFDES15#): Ultra-Low Power, High-Accuracy 4??0mA 2-Wire Current-Loop Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REFD5683 Datasheet(HTML) 1 Page - Maxim Integrated Products

  REFD5683 Datasheet HTML 1Page - Maxim Integrated Products REFD5683 Datasheet HTML 2Page - Maxim Integrated Products REFD5683 Datasheet HTML 3Page - Maxim Integrated Products REFD5683 Datasheet HTML 4Page - Maxim Integrated Products REFD5683 Datasheet HTML 5Page - Maxim Integrated Products REFD5683 Datasheet HTML 6Page - Maxim Integrated Products REFD5683 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
More detailed image (JPG)
Maxim > Design Support > Technical Documents > Subsystem Boards > APP 5683
Keywords: subsystem reference design, Industrial Automation, 4-20mA Loop Sensor
SUBSYSTEM BOARD 5683
Monterey (MAXREFDES15#): Ultra-Low Power, High-Accuracy 4–
20mA 2-Wire Current-Loop Sensor
By:
Muhammad
Qazi
Carmelo
Morello
Oct 18, 2013
Abstract: The Monterey (MAXREFDES15#) subsystem reference design is a high-accuracy industrial loop powered sensor transmitter that
connects to any standard PT1000 resistance sensor and converts the linearized temperature to a 4–20mA current signal, which is immune
to noise and remains constant over long distances.
A similar version of this article appears on EDN, March 13, 2014.
Introduction
The 4–20mA current loop is widely used as an analog
communication interface in industrial applications for transmitting
the data from remote sensors to a programmable logic controller
(PLC) in a central control center over a twisted pair cable. Here,
4mA represents the lowest temperature value, and 20mA
represents the highest measured temperature. There are four main
advantages of the current loop. First, the accuracy of the signal is
not affected by the voltage drop in the loop, as long as the power-
supply voltage is greater than the total voltage drop across the
loop. Secondly, it uses two wires for power as well as data
communication over the entire loop. Thirdly, it is more immune to
noise. And lastly, it is offered at a low cost and easy installation.
The Monterey design is based on a complete Maxim solution which combines ultra-low power, high accuracy, and high precision.
1. MAX44248 low-noise,. zero-drift op amplifier
2. MAX11200 high-accuracy, low-power, 24-bit delta-sigma ADC
3. MAXQ615 low-power microcontroller
4. MAX5216 low-noise, high-accuracy, low-power 16-bit DAC
5. MAX9620 low-power op amplifier
6. MAX15007, wide Input voltage low-power LDO
This loop-powered sensor transmitter is targeted for industrial sensors, industrial automation, and process control, but it can be used in
any application requiring high-accuracy conversion.
Simplicity, reliability, good noise immunity, long distance, and low cost make the Monterey (MAXREFDES15#) (Figure 1) interface well
suited for industrial process control and automation of remote objects.
Page 1 of 7


Similar Part No. - REFD5683

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
REFD5510 MAXIM-REFD5510 Datasheet
137Kb / 5P
Lakewood (MAXREFDES7#): 3.3V Input, 짹12V (짹15V) Output Isolated Power Supply
REFD5512 MAXIM-REFD5512 Datasheet
119Kb / 5P
Riverside (MAXREFDES8#): 3.3V Input, 12V (15V) Output Isolated Power Supply
Nov 06, 2012
REFD5562 MAXIM-REFD5562 Datasheet
181Kb / 10P
Campbell (MAXREFDES4#): 16-Bit High-Accuracy 4-20mA Input Isolated Analog Front End (AFE)
Jan 16, 2013
REFD5815 MAXIM-REFD5815 Datasheet
664Kb / 6P
Palo Verde (MAXREFDES33#): Step-Down Converter
Feb 27, 2014
REFD5817 MAXIM-REFD5817 Datasheet
745Kb / 10P
Novato (MAXREFDES16#): 4-20mA Loop-Powered Temperature Sensor with HART
Jan 30, 2014
More results

Similar Description - REFD5683

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9800 MICROCHIP-MCP9800 Datasheet
329Kb / 30P
2-Wire High-Accuracy Temperature Sensor
2010
MCP9800 MICROCHIP-MCP9800 Datasheet
611Kb / 42P
2-Wire High-Accuracy Temperature Sensor
2010
logo
Maxim Integrated Produc...
MAX14626 MAXIM-MAX14626 Datasheet
1Mb / 8P
High-Voltage Reverse-Input-Capable 4??0mA Current Loop Protector
Rev 0; 3/12
MAX5216LPT MAXIM-MAX5216LPT Datasheet
1Mb / 18P
Reference Design of 4??0mA Loop-Powered Transmitter
Rev 0; 5/13
logo
Rohm
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
High accuracy detection, Ultra-low current consumption
logo
Microchip Technology
MCP9803-M MICROCHIP-MCP9803-M Datasheet
503Kb / 30P
2-Wire High-Accuracy Temperature Sensor
09/27/04
logo
Texas Instruments
HDC1050 TI1-HDC1050_15 Datasheet
871Kb / 25P
Low Power, High Accuracy Digital Humidity Sensor
HDC1008 TI1-HDC1008 Datasheet
1Mb / 30P
Low Power, High Accuracy Digital Humidity Sensor
HDC1010 TI1-HDC1010_16 Datasheet
254Kb / 8P
Low Power, High Accuracy Digital Humidity Sensor
HDC1050 TI1-HDC1050 Datasheet
1Mb / 27P
Low Power High Accuracy Digital Humidity Sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com