Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8641T263ACBZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM8641T263ACBZ-R7
Description  Ultralow Power Voltage Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8641T263ACBZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADM8641T263ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
ADM8641/ADM8642
Rev. D | Page 3 of 11
SPECIFICATIONS
VCC = 2 V to 5.5 V, VIN < VCC + 0.3 V, TA = −40°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
OPERATING VOLTAGE RANGE
VCC
ADM8641
0.9
5.5
V
Guarantees valid OUT output
ADM8642
2
5.5
V
Guarantees valid OUT output
0.9
V
Guarantees OUT low
UNDERVOLTAGE LOCKOUT
ADM8642 only
Input Voltage Rising
UVLORISE
1.95
V
Input Voltage Falling
UVLOFALL
1.6
V
Hysteresis
UVLOHYS
90
mV
INPUT CURRENT
VCC Quiescent Current
ICC
92
190
nA
VCC = 2 V to 5.5 V, OUT pulled high
110
nA
TA = 25°C, OUT pulled high
VIN Average Input Current
IVIN
4
32
nA
VIN = 2 V, VCC = 2 V
4
8.5
nA
VIN = 2 V, VCC = 5.5 V
THRESHOLD VOLTAGE1
VTH
Input falling
ADM8641
VTH − 1.3%
VTH
VTH + 1.3%
V
See Table 6
ADM8642
VTH − 1.3%
VTH
VTH + 1.3%
V
See Table 7, VTH ≥ 1.2 V
VTH − 1.4%
1.1
VTH + 1.4%
V
1.1 V threshold option
VTH − 1.6%
1
VTH + 1.6%
V
1 V threshold option
VTH − 1.6%
0.95
VTH + 1.6%
V
0.95 V threshold option
VTH − 1.7%
0.9
VTH + 1.7%
V
0.9 V threshold option
VTH − 1.8%
0.85
VTH + 1.8%
V
0.85 V threshold option
VTH − 1.8%
0.8
VTH + 1.8%
V
0.8 V threshold option
VTH − 1.9%
0.75
VTH + 1.9%
V
0.75 V threshold option
VTH − 1.9%
0.7
VTH + 1.9%
V
0.7 V threshold option
VTH − 2.0%
0.65
VTH + 2.0%
V
0.65 V threshold option
VTH − 2.1%
0.6
VTH + 2.1%
V
0.6 V threshold option
VTH − 2.1%
0.55
VTH + 2.1%
V
0.55 V threshold option
VTH − 2.2%
0.5
VTH + 2.2%
V
0.5 V threshold option
THRESHOLD HYSTERESIS
VHYST
ADM8641
0.9% × VTH
V
ADM8642
0.9% × VTH
V
VTH > 1 V
10.3
mV
VTH ≤ 1 V
PROPAGATION DELAY
ADM8641 VCC to OUT
tPD_VCC
18
26
37
μs
VCC falling with VTH × 10% overdrive
20.5
36
57
μs
VCC rising with VTH × 10% overdrive
ADM8642 VIN to OUT
tPD_VIN
13.5
23
35
μs
VIN falling with VTH × 10% overdrive
22
39.5
61
μs
VIN rising with VTH × 10% overdrive
INPUT GLITCH REJECTION
ADM8641 VCC Glitch Rejection
tGR_VCC
23
μs
VCC falling with VTH × 10% overdrive
35
μs
VCC rising with VTH × 10% overdrive
ADM8642 VIN Glitch Rejection
tGR_VIN
21
μs
VIN falling with VTH × 10% overdrive
38
μs
VIN rising with VTH × 10% overdrive



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com