Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8641T263ACBZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM8641T263ACBZ-R7
Description  Ultralow Power Voltage Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8641T263ACBZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADM8641T263ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Ultralow Power Voltage Detector
Data Sheet
ADM8641/ADM8642
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultralow power consumption with ICC = 92 nA (typical)
Precision, low voltage monitoring
Pretrimmed voltage monitoring threshold options
10 options from 2 V to 4.63 V for the ADM8641
20 options from 0.5 V to 1.9 V for the ADM8642
±1.3% threshold accuracy over full temperature range
Output disable input
23 μs to 26 μs typical propagation delay
Open-drain type output
Power supply glitch immunity
Available in a 1.46 mm × 0.96 mm WLCSP
Operational temperature range: −40°C to +85°C
APPLICATIONS
Portable/battery-operated equipment
Microprocessor systems
Energy metering
Energy harvesting
FUNCTIONAL BLOCK DIAGRAMS
DIS
VCC
GND
VTH
ADM8641
OUT
Figure 1. ADM8641 Functional Block Diagram
DIS
VCC
GND
VTH
VIN
ADM8642
OUT
Figure 2. ADM8642 Functional Block Diagram
GENERAL DESCRIPTION
The ADM8641 and ADM8642 are simple voltage detectors
suitable for use in general-purpose applications. The ultralow
power consumption of these devices makes them suitable for
power efficiency sensitive systems, such as battery-powered
portable devices and energy meters.
The factory preset detection thresholds from 0.5 V to 4.63 V
with ±1.2% accuracy over the full temperature range enable the
devices to monitor the node of interest accurately with direct
contact. The DIS input lets the user hold the output low
regardless of the state of the input. Not all device options are
released for sale as standard models. See the Ordering Guide
section for full information.
The ADM8641 monitors the voltage using the VCC pin. The
separate supply pin on the ADM8642 allows it to have a lower
detection threshold down to 0.5 V.
The ADM8641 and ADM8642 are available in a 6-ball, 1.46 mm ×
0.96 mm WLCSP. These devices are specified over the −40°C to
+85°C temperature range.


Similar Part No. - ADM8641T263ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8611 AD-ADM8611 Datasheet
109Kb / 7P
Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
ADM8611 AD-ADM8611 Datasheet
439Kb / 17P
Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
ADM8611-EVALZ AD-ADM8611-EVALZ Datasheet
439Kb / 17P
Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
ADM8611LABKS-RL AD-ADM8611LABKS-RL Datasheet
109Kb / 7P
Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
ADM8611LABKS-RL7 AD-ADM8611LABKS-RL7 Datasheet
109Kb / 7P
Low-Voltage Manual Reset & Watchdog Supervisory Circuits in 4-Lead SC70
More results

Similar Description - ADM8641T263ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1061 STMICROELECTRONICS-STM1061_06 Datasheet
193Kb / 23P
Low Power Voltage Detector
27-Jul-2006
logo
Richtek Technology Corp...
RT9827 RICHTEK-RT9827 Datasheet
161Kb / 14P
Micro-Power Voltage Detector
logo
Texas Instruments
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
Ultralow Power, Supply Voltage Supervisor
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
Low Power Voltage Detector
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
Low Power Voltage Detector
logo
Texas Instruments
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
Ultralow Power, Supply Voltage Monitor
logo
Richtek Technology Corp...
RT9807 RICHTEK-RT9807_15 Datasheet
167Kb / 7P
Micro-Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
Low Power Voltage Detector
logo
Diodes Incorporated
APX803L DIODES-APX803L Datasheet
554Kb / 22P
MICRO POWER VOLTAGE DETECTOR
April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com