Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8641T263ACBZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM8641T263ACBZ-R7
Description  Ultralow Power Voltage Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8641T263ACBZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM8641T263ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Data Sheet
ADM8641/ADM8642
Rev. D | Page 11 of 11
OUTLINE DIMENSIONS
A
B
C
0.660
0.600
0.540
0.390
0.360
0.330
0.270
0.240
0.210
1.000
0.960
0.920
1.500
1.460
1.420
1
2
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
0.360
0.320
0.280
1.00
REF
0.50
BSC
BALL A1
IDENTIFIER
SEATING
PLANE
0.50 BSC
COPLANARITY
0.04
Figure 22. 6-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-6-17)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2, 3
Temperature Range
Threshold Voltage (V)
Package Description
Package Option
Marking Code
ADM8641T263ACBZ-R7
−40°C to +85°C
2.63
6-Ball WLCSP
CB-6-17
DT
ADM8642T100ACBZ-R7
−40°C to +85°C
1.0
6-Ball WLCSP
CB-6-17
DU
ADM8641-EVALZ
Evaluation Board
ADM8642-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 ADM8641/ADM8642 include many device options, however, not all options are released for sale. Released options are called standard models and are listed in the
Ordering Guide. The Simple Reset Supervisory IC page also offers a list of standard models. Contact a sales representative for information on nonstandard models and
be aware that samples and production units have long lead times.
3 If ordering nonstandard models, complete the ordering code shown in Figure 21 by inserting the model number and threshold number.
©2015–2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12781-5/21(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com