Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8641T263ACBZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM8641T263ACBZ-R7
Description  Ultralow Power Voltage Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8641T263ACBZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM8641T263ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADM8641T263ACBZ-R7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ADM8641/ADM8642
Data Sheet
Rev. D | Page 10 of 11
DEVICE MODEL OPTIONS
The ADM8641/ADM8642 include many device options,
however, not all options are released for sale. Released options
are called standard models and are listed in the Ordering Guide
section. The Simple Reset Supervisory IC page also offers a list
of standard models. Contact a sales representative for information
on nonstandard models and be aware that samples and
production units have long lead times.
Table 6. ADM8641 VCC Threshold (VTH) Options (TA = −40°C to +85°C)
Threshold Number
Min
Typ
Max
Unit
200
1.974
2
2.026
V
220
2.171
2.2
2.229
V
232
2.290
2.32
2.350
V
263
2.596
2.63
2.664
V
280
2.764
2.8
2.836
V
293
2.892
2.93
2.968
V
300
2.961
3
3.039
V
308
3.040
3.08
3.120
V
440
4.343
4.4
4.457
V
463
4.570
4.63
4.690
V
Table 7. ADM8642 VIN Threshold (VTH) Options (TA = −40°C to +85°C)
Threshold Number
Min
Typ
Max
Unit
050
0.489
0.5
0.511
V
055
0.538
0.55
0.562
V
060
0.588
0.6
0.612
V
065
0.637
0.65
0.663
V
070
0.686
0.7
0.714
V
075
0.736
0.75
0.764
V
080
0.785
0.8
0.815
V
085
0.835
0.85
0.865
V
090
0.885
0.9
0.915
V
095
0.935
0.95
0.965
V
100
0.984
1
1.016
V
110
1.084
1.1
1.116
V
120
1.184
1.2
1.216
V
130
1.283
1.3
1.317
V
140
1.382
1.4
1.418
V
150
1.481
1.5
1.520
V
160
1.579
1.6
1.621
V
170
1.678
1.7
1.722
V
180
1.777
1.8
1.823
V
190
1.875
1.9
1.925
V
ADM864_ T_ _ _ACBZ-R7
GENERIC NUMBER
(1 OR 2)
THRESHOLD NUMBER
(050 TO 463)
TEMPERATURE RANGE
A: –40°C TO +85°C
PACKAGE DESIGNATION
CB: WLCSP
Z = LEAD-FREE
PACKING MATERIAL
R7 = 7" TAPE AND REEL
(3000 PIECE QUANTITY)
Figure 21. Ordering Code Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com