Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8642T100ACBZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM8642T100ACBZ-R7
Description  Ultralow Power Voltage Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8642T100ACBZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADM8642T100ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ADM8641/ADM8642
Data Sheet
Rev. D | Page 4 of 11
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
OUT PIN OUTPUT
Output Voltage Low
VOUT_OL
0.4
V
VCC > 4.25 V, ISINK = 6.5 mA
0.4
V
VCC > 2.5 V, ISINK = 6 mA
0.4
V
VCC > 1.2 V, ISINK = 4.6 mA
0.4
V
VCC > 0.9 V, ISINK = 0.9 mA
Leakage Current
5
nA
VOUT = VCC = 5.5 V
DIS PIN INPUT
VIL
0.4
V
VIH
0.9
V
DIS Glitch Rejection
0.4
μs
DIS to OUT Delay
tD_DIS1
0.65
μs
DIS falling
DIS Pull-Up Resistance
0.5
0.6
0.82
MΩ
1 Not all device options are released for sale as standard models. See the Ordering Guide section for full information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com