Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8642T100ACBZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM8642T100ACBZ-R7
Description  Ultralow Power Voltage Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8642T100ACBZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM8642T100ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet
ADM8641/ADM8642
Rev. D | Page 7 of 11
TYPICAL PERFORMANCE CHARACTERISTICS
70
75
80
85
90
95
100
105
110
115
120
–40 –30 –20 –10
0
102030
40
50607080
TEMPERATURE ( °C)
Figure 5. Supply Current (ICC) vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
SUPPLY VOLTAGE (V)
VCC FALLING
VCC RISING
Figure 6. Supply Current (ICC) vs. Supply Voltage, VCC < 2 V
60
70
80
90
100
110
120
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
Figure 7. Supply Current (ICC) vs. Supply Voltage
–2
–1
0
1
2
3
4
5
6
7
8
0
0.51.01.52.02.53.03.54.04.55.05.5
VIN (V)
IVIN, VCC = 0V
IVIN, VCC = 2V
ICC, VCC = 2V
Figure 8. VIN Pin and VCC Pin Input Current vs. VIN
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
–40
–20
0
20406080
TEMPERATURE (°C)
VTH = 0.6V
VTH = 2.0V
VTH = 3.3V
VTH = 4.7V
Figure 9. Normalized Falling Threshold vs. Temperature
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
0.5
1.0
1.5
2.0
2.5
3.0
VOLTAGE ON VCC (V)
RPULLUP = 10kΩ
RPULLUP = 100kΩ
Figure 10. OUT Pin Voltage vs. Voltage on VCC
(with the OUT Pin Pulled up to the VCC Pin Through RPULLUP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com