Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8642T100ACBZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM8642T100ACBZ-R7
Description  Ultralow Power Voltage Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8642T100ACBZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM8642T100ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ADM8641/ADM8642
Data Sheet
Rev. D | Page 6 of 11
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
DNC = DO NO CONNECT.
DO NOT CONNECT TO THIS PIN.
VCC GND
DIS
DNC
OUT
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
1
A
B
C
2
BALLA1
INDICATOR
GND
Figure 3. ADM8641 Pin Configuration
Table 4. ADM8641 Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
VCC
Power Supply Input. The voltage on the VCC pin is monitored on the ADM8641. It is recommended to
place a 0.1 μF decoupling capacitor between the VCC pin and the GND pin.
A2
GND
Ground. Both GND pins on the ADM8641 must be grounded.
B1
DNC
Do Not Connect. Do not connect to this pin.
B2
GND
Ground. Both GND pins on the ADM8641 must be grounded.
C1
DIS
Active Low Output Disable Input.
C2
OUT
Open-Drain Detector Output.
VCC GND
DIS
VIN
OUT
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
1
A
B
C
2
BALLA1
INDICATOR
GND
Figure 4. ADM8642 Pin Configuration
Table 5. ADM8642 Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
VCC
Power Supply Input. The voltage on the VCC pin is not monitored on the ADM8642. It is recommended to
place a 0.1 μF decoupling capacitor between the VCC pin and the GND pin.
A2
GND
Ground. Both GND pins on the ADM8642 must be grounded.
B1
DIS
Active Low Output Disable Input.
B2
GND
Ground. Both GND pins on the ADM8642 must be grounded.
C1
VIN
Low Voltage Monitoring Input. This separate supply input allows the ADM8642 to monitor low voltages
of 0.8 V on the VIN pin.
C2
OUT
Open-Drain Detector Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com