Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8642T100ACBZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM8642T100ACBZ-R7
Description  Ultralow Power Voltage Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8642T100ACBZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADM8642T100ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADM8642T100ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet
ADM8641/ADM8642
Rev. D | Page 5 of 11
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCC
−0.3 V to +6 V
OUT
−0.3 V to +6 V
VIN
−0.3 V to +6 V
DIS
−0.3 V to VCC + 0.3 V
Input/Output Current
10 mA
Storage Temperature Range
−40°C to +150°C
Operating Temperature Range
−40°C to +85°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
θJA is specified for a device soldered on an FR4 board with a
minimum footprint.
Table 3.
Package Type
θJA
Unit
6-Ball WLCSP
105.6
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com