Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACCESSORIES Datasheet(PDF) 3 Page - Schurter Inc.

Part # ACCESSORIES
Description  Voltage selector inserts for Power Entry Modules, types KE, CE, KG, CG
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

ACCESSORIES Datasheet(HTML) 3 Page - Schurter Inc.

  ACCESSORIES Datasheet HTML 1Page - Schurter Inc. ACCESSORIES Datasheet HTML 2Page - Schurter Inc. ACCESSORIES Datasheet HTML 3Page - Schurter Inc. ACCESSORIES Datasheet HTML 4Page - Schurter Inc. ACCESSORIES Datasheet HTML 5Page - Schurter Inc. ACCESSORIES Datasheet HTML 6Page - Schurter Inc. ACCESSORIES Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
[www.schurter.com]
Fuse drawer «Extra-Safe»
for Power Entry Modules, types KE, CE, KG, CG
for fuses 5 x 20 mm
for fuses 6,3 x 32 mm
2-pole with shorting bar
2-pole with shorting bar
in the neutral side
in the neutral side
1-pole
2-pole
1-pole
2-pole
4305.0006
4305.0001
4305.0021
4305.0016
4305.0011
4305.0026
Order Numbers
Medical
Fuse drawer
Order Numbers fuse drawer (Fingergrip and Extra-Safe) (to types KEA, KEA-Print, KFA, KM)
Voltage markings
for types
Type
1-pole + spare
2-pole with shorting
1-pole
2-pole
fuse case
bar in the neutral side
«XX» see table 1
KEA, KFA
Fingergrip
4301.1214.XX 4301.1014.XX
4301.2814.XX
4301.3536.XX
«XX»
Extra-Safe
4301.1224.XX 4301.1024.XX
4301.2824.XX
4301.3537.XX
without voltage selector KEA, KEA-Print, KFA (KM*) Fingergrip
4301.1405
4301.1401
4301.1409
4301.1413
without voltage selector KEA, KEA-Print, KFA (KM*) Extra-Safe
4301.1407
4301.1403
4301.1411
4301.1415
Table 1
Index
Voltage markings/terminal no
XX
1
2
3
4
01
110
150
220
–
02
120
–
240
–
03
110
–
220
–
04
115
–
220
–
05
110
–
230
–
06
115
–
230
–
07
100
110
220
240
08
100
120
220
240
09
110
–
117
–
10
220
–
240
–
11
120
220
240
–
12
110
220
240
–
Table 1
Index
Voltage markings/terminal no
XX
1
2
3
4
13
115
220
240
–
14
–
–
–
–
15
100
120
220
–
16
50 Hz
–
60 Hz
–
17
220
–
110
–
18
110
240
220
–
19
117
220
240
–
20
100
110
127
230
21
110
120
220
–
22
110
220
230
–
23
100
115
220
240
24
115
230
240
–
Other versions on request:
– for protection class II
– KEA with solder terminals
– Fuse drawer with other voltage values
Order Numbers for fuse drawer (Fingergrip and Extra-Safe) (to types KEC, KFC, KD, CD)
Voltage markings
Type
5 x 20 mm
2-pole with
6,3 x 32 mm
2-pole with
Terminal no.
shorting bar in
shorting bar in
1 2 3 4 KEC
1-pole
2-pole
the neutral side
1-pole
2-pole
the neutral side
3 4 5 6 KD
«YY» see following table
Fingergrip
4303.2114.YY
4303.2014.YY
4303.2036.YY
4303.2614.YY
4303.2514.YY
4303.2536.YY
«YY»
Extra-Safe
4303.2124.YY
4303.2024.YY
4303.2037.YY
4303.2624.YY
4303.2524.YY
4303.2537.YY
without voltage selector
Fingergrip
4303.2406
4303.2401
4303.2411
4303.2906
4303.2901
4303.2911
without voltage selector
Extra-Safe
4303.2408
4303.2403
4303.2413
4303.2908
4303.2903
4303.2913
* only 1-/2-pole



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com