Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACCESSORIES Datasheet(PDF) 6 Page - Schurter Inc.

Part # ACCESSORIES
Description  Voltage selector inserts for Power Entry Modules, types KE, CE, KG, CG
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

ACCESSORIES Datasheet(HTML) 6 Page - Schurter Inc.

  ACCESSORIES Datasheet HTML 1Page - Schurter Inc. ACCESSORIES Datasheet HTML 2Page - Schurter Inc. ACCESSORIES Datasheet HTML 3Page - Schurter Inc. ACCESSORIES Datasheet HTML 4Page - Schurter Inc. ACCESSORIES Datasheet HTML 5Page - Schurter Inc. ACCESSORIES Datasheet HTML 6Page - Schurter Inc. ACCESSORIES Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
[www.schurter.com]
Insulating cover
The terminals of the Schurter appliance couplers can be protected
against unintentional contact by the use of an insulation cover.
They are made of flexible thermoplastic (UL 94V-0, black) and can
be easily mounted from the rear to the corresponding appliance
couplers.
Cover GSF1
Order Numbers
suitable for
0859.0047
KEA (without KEA-Print)
KEB1, DC11, 6200, 6202, 6205,
6220, 4721, 4723, 4793, 4798,
6600-3, 6600-4, 4707, C20F
0859.0048
6100-3, 6100-4, 6102-3, 6102-5,
5110, FGS, KFS, KFX
0859.0072
KEC, KFC, FKH, FKI, FKHD, FKID
0859.0074
KD, 5145, 6145
0859.0075
KEB2, KFB2, 0723, 4797, DC12,
KFB1, 4719, KFA, 5200, 5220
0859.0076
KE, KM, KMF, EC11, EC12
0859.0077
CD
0859.0108
CE, EC12
0859.0109
CG, KG, EF11, DF12, DF11
0859.0086
8843-FL, 8843-FLR
Cord retaining kits
For protection against loosening or accidental disconnection of the
plug connector. Can also be mounted later.
The correct kit type (A-M) for each combination of fixed and free
components is shown in the selection chart on page 172.
The corresponding Order No. for each kit type is shown in the smaller
chart.
Horizontal flanged components are secured to the panel using the
kit supplied. Vertical flanged or snap-in components require additional
drilling for the cord retaining kit as shown in the diagrams below.
Each cord retaining kit consists of:
1 Stainless steel retaining clip
2 Nickel plated brass pillars
2 Nickel plated brass nuts
2 Nickel plated beryllium copper crinkle washers
Cut-aways or countersinks
on pillars to face inwards.
Order Numbers
Kit type
4700.0001
A
4700.0002
B
4700.0003
C
4700.0004
D
4700.0005
E
4700.0006
F
4700.0007
G
4700.0008
H
4700.0009
J
4700.0010
K
4700.0011
L
4700.0012
M
Order Number
0098.0078



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com