Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACCESSORIES Datasheet(PDF) 5 Page - Schurter Inc.

Part # ACCESSORIES
Description  Voltage selector inserts for Power Entry Modules, types KE, CE, KG, CG
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

ACCESSORIES Datasheet(HTML) 5 Page - Schurter Inc.

  ACCESSORIES Datasheet HTML 1Page - Schurter Inc. ACCESSORIES Datasheet HTML 2Page - Schurter Inc. ACCESSORIES Datasheet HTML 3Page - Schurter Inc. ACCESSORIES Datasheet HTML 4Page - Schurter Inc. ACCESSORIES Datasheet HTML 5Page - Schurter Inc. ACCESSORIES Datasheet HTML 6Page - Schurter Inc. ACCESSORIES Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
[www.schurter.com]
Remote Actuator Technology
The remote actuator cable assembly consists of a wire cable inside
of a plastic insulated spiral wire casing.
Identifying a proper routing of the cable assembly is important. De-
viations from line to line placement will require bends in the cable
with resulting losses in the overall assembly. These inefficiencies
show up as friction losses and lost motion.
Frictional losses are increases in actuation force due to losses in the
assembly. Lost motion is an undesirable difference between the in-
put end of the assembly and the output end.
The principle element of lost motion is backlash and deflection.
Backlash is caused by the wire cable moving inside the casing with
the change in direction of motion. It is the function of clearance bet-
ween the wire cable and casing, plus the number of degrees of
bend in the cable assembly. Deflection of the cable assembly, while
usually low, can be minimized by anchoring the casing.
This is especially true in those applications of cable assemblies with
long lengths and/or large degrees of bend in the system.
All of these losses and resulting inefficiencies can be reduced by the
equipment designer through minimizing the total degress of bend in
the assembly. Because of the number of variables effecting proper
operation of any remotely actuated switch assembly, it is important
that the ordering instructions be used to determine proper cable
length and to provide samples for customer approval.
Consult figure for minimum information required to describe cable
assembly application.
BOWDEN CABLE
for type KD/KG, CD/CG
Order details and description
How to specify length of
Bowden cable:
R
Mounting parallel to direction of actuation
B1 Actuating part
B2 Power entry module
Dimensions in mm (center of mounting hole [B1], outer surface to
center of mounting hole [B2], outer surface)
R
a /
b /
c /
S
Mounting 90° to direction of actuation
B1
Actuating part
B2
Power entry module
Dimensions in mm (center of mounting hole [B1], outer surface to
center of mounting hole [B2], outer surface)
S
a /
b /
c /
Ordering example
The following 3 positions are necessary to place an order:
1. Order No.
socket
KD14.4199.151
2. Order No.
fuse drawer
4303.2024.03
3. Bowden cable
(type of mounting /
dimensions in mm)
*R a/200 b/180 c/40
* The Order No. for a customer specific Bowden cable you’ll get
with the acknowledgment.
Delivery time for a customer specific
Bowden cable sample approx. 2 weeks.
Standard Bowden cable sample,
Order No. 0886.0101, ex stock
Type R
Type S
Bowden cable assembly instruction
Drop Bowden barrel into seat of switch
Slide clamp around cable
Bowden cable locked into assembly
Degrees of bend in assembly



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com