Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACCESSORIES Datasheet(PDF) 4 Page - Schurter Inc.

Part # ACCESSORIES
Description  Voltage selector inserts for Power Entry Modules, types KE, CE, KG, CG
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

ACCESSORIES Datasheet(HTML) 4 Page - Schurter Inc.

  ACCESSORIES Datasheet HTML 1Page - Schurter Inc. ACCESSORIES Datasheet HTML 2Page - Schurter Inc. ACCESSORIES Datasheet HTML 3Page - Schurter Inc. ACCESSORIES Datasheet HTML 4Page - Schurter Inc. ACCESSORIES Datasheet HTML 5Page - Schurter Inc. ACCESSORIES Datasheet HTML 6Page - Schurter Inc. ACCESSORIES Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
[www.schurter.com]
Power entry
Voltage selector
Voltage selector
Voltage selector
modules type
System No. 1
System No. 2 and 3
System No. 4
KE, CE 1-pole
0881.0075
0881.0074
0881.0076
0881.0076
0881.0075
0881.0077
KE, CE 2-pole
0881.0074
2x 0881.0074
2x 0881.0076
0881.0076
KG, CG 1-pole
0881.0075
0881.0074
0881.0076
0881.0076
0881.0075
0881.0077
KG, CG 2-pole
0881.0074
2x 0881.0074
2x 0881.0076
0881.0076
Accessory connection with stranded cable for KE, CE and KG, CG (wiring of voltage selector)
The connection with stranded cable has to be mounted by
customer. Stand = 1,5 mm
Attention:
To guarantee the minimum air and creeping distances, use taps
only for terminal
3 / 4
or N for KE, CE
2 / 3 / 4
or N for KG, CG
(concerns voltage selector system 1, 2 and 3).
Quick connect terminals
4,8 x 0,8 mm
0881.0076
(length = 70 mm)
0881.0077
(length = 100 mm)
Tap 4,8 x 0,8 mm
0881.0074
(length = 70 mm)
0881.0075
(length = 100 mm)
Order Numbers for connection with stranded cable
Index
Voltage markings/terminal no
1
2
3
4
KEC
YY
3
4
5
6
KD
00
–
–
–
–
01
100
120
220
240
02
110
150
220
–
03
110
–
220
–
04
110
220
240
–
05
115
–
230
–
06
117
220
240
–
07
100
117
220
–
08
110 V
–
220 V
–
09
220
–
240
–
10
115
220
240
–
11
110
120
220
240
Index
Voltage markings/terminal no
1
2
3
4
KEC
YY
3
4
5
6
KD
12
115
230
240
–
13
100
110
220
240
14
100
117
220
240
15
100
115
230
–
16
100
120
230
240
17
115
120
230
240
18
115
–
240
–
19
220
120
240
230
20
100
120
230
–
21
100
–
220
–
22
100
120
220
230
23
100
110
120
–
Other versions on request:
– for protection class II
– Fuse drawer with other voltage values



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com