Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162IUFD-FST#PBF Datasheet(PDF) 43 Page - Analog Devices

Part # LTC4162IUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162IUFD-FST#PBF Datasheet(HTML) 43 Page - Analog Devices

Back Button LTC4162IUFD-FST#PBF Datasheet HTML 39Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 40Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 41Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 42Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 43Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 44Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 45Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 46Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
43
LTC4162-F
Rev A
For more information www.analog.com
Symbol Name
Command
Code
Access
Bit
Range
Default Description
charger_state
0x34
R
[12:0]
256
Real time battery charger state indicator. Individual bits are mutually exclusive.
Enums: bat_detect_failed_fault = 4096,
battery_detection = 2048,
absorb_charge = 512,
charger_suspended = 256,
cc_cv_charge = 64,
ntc_pause = 32,
timer_term = 16,
c_over_x_term = 8,
max_charge_time_fault = 4,
bat_missing_fault = 2,
bat_short_fault = 1
charge_status
0x35
R
[5:0]
0
Charge status indicator. Individual bits are mutually exclusive and are only active in
charging states.
Enums: ilim_reg_active = 32,
thermal_reg_active = 16,
vin_uvcl_active = 8,
iin_limit_active = 4,
constant_current = 2,
constant_voltage = 1,
charger_off = 0
LIMIT_ALERTS_
REG
0x36
R
[15:0]
0
Limitalertregister.Thisinput/outputregisterindicatesthatanenabledalerthasoccurred.
Individual alerts are enabled in EN_LIMIT_ALERTS_REG. Writing 0 to any bit clears that
alert. Once set, alert bits remain high until cleared or disabled.
telemetry_valid_
alert
[15]
0
Alert that indicates that the telemetry system warm-up time has expired and valid
telemetry data is available from the serial port. This alert bit is cleared by writing it back
to 0 with the remaining bits in this register set to 1s. It can also be cleared by clearing
en_telemetry_valid_alert.
bsr_done_alert
[14]
0
Alert that indicates that the battery equivalent-series-resistance measurement is finished
and a result is available in bsr. This alert bit is cleared by writing it back to 0 with the
remainingbitsinthisregistersetto1s.Itcanalsobeclearedbyclearingen_bsr_done_alert.
vbat_lo_alert
[11]
0
Alert that indicates that vbat is below the value set by vbat_lo_alert_limit. This alert bit
is cleared by writing it back to 0 with the remaining bits in this register set to 1s. It can
also be cleared by clearing en_vbat_lo_alert.
vbat_hi_alert
[10]
0
Alert that indicates that vbat is above the value set by vbat_hi_alert_limit. This alert bit
is cleared by writing it back to 0 with the remaining bits in this register set to 1s. It can
also be cleared by clearing en_vbat_hi_alert.
vin_lo_alert
[9]
0
Alert that indicates that vin is below the value set by vin_lo_alert_limit. This alert bit is
cleared by writing it back to 0 with the remaining bits in this register set to 1s. It can
also be cleared by clearing en_vin_lo_alert.
vin_hi_alert
[8]
0
Alert that indicates that vin is above the value set by vin_hi_alert_limit. This alert bit is
cleared by writing it back to 0 with the remaining bits in this register set to 1s. It can
also be cleared by clearing en_vin_hi_alert.
vout_lo_alert
[7]
0
Alert that indicates that vout is below the value set by vout_lo_alert_limit. This alert bit
is cleared by writing it back to 0 with the remaining bits in this register set to 1s. It can
also be cleared by clearing en_vout_lo_alert.
REGISTER DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com