Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162IUFD-FST#PBF Datasheet(PDF) 52 Page - Analog Devices

Part # LTC4162IUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162IUFD-FST#PBF Datasheet(HTML) 52 Page - Analog Devices

Back Button LTC4162IUFD-FST#PBF Datasheet HTML 44Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 45Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 46Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 47Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 48Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 49Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 50Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 51Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
52
LTC4162-F
Rev A
For more information www.analog.com
D16957-0-10/18(A)
ANALOG DEVICES, INC. 2018
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
Solar Powered 3-Cell 3.2A Charger with Maximum Power Point Tracking
PART NUMBER
DESCRIPTION
COMMENTS
LTC4015
Multichemistry Buck Battery
Charger Controller with Digital Telemetry
System
Multichemistry Li-Ion/Polymer, LiFePO4, or Lead-Acid Synchronous Buck Battery Charger
with Termination; High Efficiency; Digital Telemetry System Monitors VBTA, IBAT, RBAT, NTC
Ratio (Battery Temperature), VIN, IIN, VSYSTEM, Die Temperature; Coulomb Counter and
Integrated 14-Bit ADC; Charging Input Voltage Range: 4.5V to 35V; Battery Voltage Range:
Up to 35V; MPPT; 4mm × 5mm QFN-28 Package
LT3651-4.X/
LT3651-8.X
Monolithic 4A Switch Mode
Synchronous 1-Cell Li-Ion Battery
Charger
Standalone, 4.75V ≤ VIN ≤ 32V (40V Abs Max), 1MHz, 4A, Programmable Charge Current
Timer or C/10 Termination, 5mm × 6mm QFN-36 Package
LT3652/LT3652HV Power Tracking 2A Buck Battery Charger Input Supply Voltage Regulation Loop for Peak Power Tracking in (MPPT) Solar
Applications, Standalone, 4.95V ≤VIN ≤ 32V (40V Abs Max), 1MHz Timer or C/10
Termination, 3mm × 3mm DFN-12 Package and MSOP-12 Packages, LT3652HV Version
Up to VIN = 34V
LTC4012/LTC4012-
1/LTC4012-2/
LTC4012-3
4A, High Efficiency, Multi-Chemistry
Battery Charger with PowerPath Control
PowerPath Control, Resistor Voltage/Current Programming, 1-to 4-Cell Li, Up to 18-Cell
Ni, SLA and Supercap Compatible; 4mm × 4mm QFN-20 Package, –1 Version for 4.1V Li
Cells, –2 Version for 4.2V Li Cells, –3 Version Has Extra GND Pin
LTC4020
55V Buck-Boost Multi-Chemistry
Battery Charger
Constant-Current/Constant-Voltage Buck-Boost Switching Controller Regulator Charger,
5mm × 7mm QFN-38 Package
LTC4121/
LTC4121-4.2
Multi-Chemistry Buck Battery Charger
Constant-Current/Constant-Voltage 400mA Monolithic Buck Switching Regulator Charger,
4.4V ≤ VIN ≤ 40V, 3mm × 3mm QFN-16 Package
LTC4155
Dual Input Power Manager/3.5A Li-Ion
Battery Charger
High Efficiency, Monolithic Switching Regulator, 4mm × 5mm QFN-28 Package
LT8490
High Voltage, High Current Buck-Boost
Charge Controller with Maximum Power
Point Tracking (MPPT)
Buck-Boost Switching Regulator Battery Charger that Implements a Constant-Current
Constant-Voltage (CCCV) Charging Profile Used for Most Battery Types, Including Sealed
Lead-Acid (SLA), Flooded, Gel and Lithium-Ion
4.7µF
1µF
22nF
0.1µF
10µF
10µF
10k
10m
MN1
MN2
16m
L1
4.7µH
63.4k
SYSTEM
LOAD
+
–
36 CELL PANEL
4162F TA04
INFET CLP
VOUTA
SYNC
CELLS0
CELLS1
VIN
CLN
SMBALERT
DVCC
SCL
SDA
16
17
18
12
15
13
14
BOOST
SW
CSP
BATFET
CSN
BATSENS+
NTCBIAS
NTC
1
25, 26
21
22
20
19
9
10
AGND
PGND
RT
INTVCC
VCC2P5
29
23, 24
11
2
8
LTC4162-FADM
VOUT
6
5
3
7
4
27, 28
MN1: FDMC8327L
MN2: 2N7002
R1: NTCS0402E3103FLT
L1: XAL5030-472MEC
2.5
C2
150µF
+
T R1
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com