Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162IUFD-FST#PBF Datasheet(PDF) 47 Page - Analog Devices

Part # LTC4162IUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162IUFD-FST#PBF Datasheet(HTML) 47 Page - Analog Devices

Back Button LTC4162IUFD-FST#PBF Datasheet HTML 43Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 44Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 45Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 46Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 47Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 48Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 49Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 50Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
47
LTC4162-F
Rev A
For more information www.analog.com
Symbol Name
Command
Code
Access
Bit
Range
Default Description
cell_count
[3:0]
0
Indicates the cell count value detected by the CELLS0 and CELLS1 pin strapping.
cell_count always indicates 0 when the battery charger is not enabled such as when
there is no input power available.
Enum: Unknown = 0
icharge_dac
0x44
R
[4:0]
0
Indicates the actual charge current setting applied to the charge current digital to analog
converter. icharge_dac is ramped up/down to implement digital soft-start/stop. The
LTC4162 sets the value of icharge_dac based on charger_state, thermistor_voltage,
and charger settings including charge_current_setting, icharge_jeita_2 through
icharge_jeita_6, jeita_t1 through jeita_t6 and en_jeita. Recall that the charge current is
regulated by controlling the voltage across an external current sense resistor RSNSB.
The servo voltage is given by (icharge_dac + 1) × 1mV. The charge current servo level
is thus given by (icharge_dac + 1) × 1mV/RSNSB.
vcharge_dac
0x45
R
[4:0]
0
This is the actual battery voltage setting applied to the charge voltage digital to analog
converter. The LTC4162 sets the value of vcharge_dac based on charger_state,
thermistor_voltage, and charger settings including vcharge_setting, vcharge_jeita_2
throughvcharge_jeita_6,jeita_t1throughjeita_t6,thermistor_voltage,vabsorb_deltaand
en_jeita. The charge voltage setting can be computed from cell_count × (vcharge_setting
× 12.5mV + 3.4125V) where vcharge_setting also ranges from 0 to 31 (3.8V max).
iin_limit_dac
0x46
R
[5:0]
0
Indicatestheactualinputcurrentlimit.Theiin_limit_dacwillfollowthevalueprogrammed
in iin_limit_target. The input current will be regulated to a maximum value given by
(iin_limit_dac + 1) × 500µV / RSNSI.
vbat_filt
0x47
R
[15:0]
0
Signed number that is a digitally filtered version of the A/D measurement of vbat. The
value is based on the A/D scaling factor for the battery voltage measurement which is
cell_count × 192.4µV/LSB at the BATSENS+ pin.
bsr_charge_
current
0x48
R
[15:0]
0
Signed number that is the battery charge current that existed during the battery series
resistance measurement. The value is based on the A/D value, ibat, which has a scaling
factor of 1.466µV / RSNSB amperes/LSB. If the battery series resistance (bsr) test runs
with ibat values less than icharge_over_10, the accuracy of the test is questionable due
to low signal level and bsr_questionable will set. Rerunning the battery series resistance
test earlier in the charge cycle with higher ibat, and therefore higher bsr_charge_current,
will give the most accurate result.
Enum: icharge_over_10 = 2184
TELEMETRY_
STATUS_REG
0x4A
R
[1:0]
0
Telemetry system status register
bsr_questionable
[1]
0
Indicates that the battery series resistance measurement is questionable due to low
signal, specifically that ibat was less than icharge_over_10, when the last battery series
resistance (bsr) measurement was taken. bsr_charge_current contains the ibat A/D value
present when the battery series resistance measurement was made.
telemetry_valid
[0]
0
Indicates that the telemetry system autozero amplifiers have had sufficient time,
approximately 12ms, to null their offsets. Battery charging is disabled until the telemetry
system warm up time has passed.
input_
undervoltage_dac
0x4B
R
[7:0]
0
Input undervoltage regulation digital to analog converter value. The regulation voltage
is given by (input_undervoltage_dac + 1) × 140.625mV. If enabled, the MPPT algorithm
will directly manipulate this value. Otherwise it will follow input_undervoltage_setting.
Revision: 1773 Date: 2018-05-09 10:26:00 -0400 (Wed, 09 May 2018)
REGISTER DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com