Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4162IUFD-FST#PBF Datasheet(PDF) 16 Page - Analog Devices

Part # LTC4162IUFD-FST#PBF
Description  35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4162IUFD-FST#PBF Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC4162IUFD-FST#PBF Datasheet HTML 12Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 13Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 14Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 15Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 16Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 17Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 18Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 19Page - Analog Devices LTC4162IUFD-FST#PBF Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
16
LTC4162-F
Rev A
For more information www.analog.com
OPERATION
the external MOSFETs will be enabled at a time. If VIN is
more than 150mV above BATSENS+, the MOSFET from
the input to the system load will be enabled and the one
from the system load to BATSENS+ will block conduction
preventing overcharging of the battery. If VIN falls more
than 20mV below BATSENS+ the MOSFET from the input
supply to the system load will be disabled preventing
reverse conduction and the MOSFET from BATSENS+ to
the system load will be enabled powering downstream
circuitry from the battery. It is important not to back drive
VOUT as one or the other of the power path MOSFETs will
always be enabled.
Step Down Switching Battery Charger
The LTC4162’s battery charger is based on a very efficient
synchronous step down switching regulator. As with any
modern battery charger, the LTC4162 incorporates both
constant-current and constant-voltage feedback control
loops to prevent overcharging. The switching charger can
charge either a single cell or a battery of up to nine series
lithium iron phosphate cells.
Normal charging begins with a constant current until the
battery reaches its target voltage. The charge current is
determined by the combination of the sense resistor,
RSNSB, placed in series with the inductor and the servo
control voltage set by either icharge_jeita_2 through
icharge_jeita_6 with en_jeita set or just charge_cur-
rent_setting if en_jeita is cleared. An internal soft-start
algorithm ramps up the charge current setting from zero
to its present setting. Once the battery voltage reaches the
programmed voltage limit the constant-current control
loop hands off to the constant-voltage control loop. The
final battery voltage is set with the combination of either
vcharge_jeita_2 through vcharge_jeita_6 with en_jeita
set or with just vcharge_setting if en_jeita is cleared. The
cell_count, controlled by the CELLS0 and CELLS1 pins,
is a charge voltage multiplier so that multiple series cells
can be charged.
If en_jeita is set, the charge current is given by the ex-
pression:
ICHARGE = (icharge _ jeita _ x + 1)
1mV
RSNSB
whereicharge_jeita_2throughicharge_jeita_6eachrange
from 0 to 31.
If en_jeita is not set:
ICHARGE = (charge _ current _ setting+ 1)
1mV
RSNSB
where charge_current_setting ranges from 0 to 31.
If en_jeita is set, the charge voltage is given by the ex-
pression:
VCHARGE = (3.4125V + 12.5mV • vcharge_jeita_x) •
cell_count
where vcharge_jeita_2 through vcharge_jeita_6 each
range from 0 to 31.
If en_jeita is not set:
VCHARGE = (3.4125V + 12.5mV • vcharge_setting) •
cell_count
where vcharge_setting ranges from 0 to 31.
Beyond the conventional constant-current and constant-
voltage control loops, the LTC4162 also has the ability to
monitor and control both input current and input voltage,
regulating battery charge power based on any one of these
four control loops. Power limit is prioritized based on the
lowestset-pointofthegroup.Forexample,ifthecombined
system load plus battery charge current is large enough
to cause the switching charger to reach the programmed
inputcurrentlimit,theinputcurrentlimitwillreducecharge
current to limit the voltage across the input sense resistor,
RSNSI, to the iin_limit_target. Even if the charge current
is programmed to exceed the allowable input current, the
input current due to charge current will not be violated;
the charger will reduce its current as needed. Similarly,
the input voltage limit loop, controlled by input_under-
voltage_setting, can be used to prevent resistive power
sources such as a solar panel from dragging the input
voltage down below its under-voltage lockout level.
Only target values can be programmed with the I2C port.
TheLTC4162usesthetargetvaluesasastartingpointfrom
which the charging algorithms calculate the actual values
to be applied to the DACs to support functions such as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com