Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7641 Datasheet(PDF) 19 Page - Exar Corporation

Part # MP7641
Description  8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7641 Datasheet(HTML) 19 Page - Exar Corporation

Back Button MP7641 Datasheet HTML 15Page - Exar Corporation MP7641 Datasheet HTML 16Page - Exar Corporation MP7641 Datasheet HTML 17Page - Exar Corporation MP7641 Datasheet HTML 18Page - Exar Corporation MP7641 Datasheet HTML 19Page - Exar Corporation MP7641 Datasheet HTML 20Page - Exar Corporation MP7641 Datasheet HTML 21Page - Exar Corporation MP7641 Datasheet HTML 22Page - Exar Corporation MP7641 Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
MP7641
19
Rev. 2.00
Graph 21. Digital Settling
LD
(5 V/DIV)
VR = 3 V
Digital Code =
255
→0→255
VO
(2 V/DIV)
2
µs/DIV
Graph 22. Pulse Response
(tR = tF = 100 ns for VR)
VR
(2 V/DIV)
Digital Code =
All Ones
VO
(2 V/DIV)
2
µs/DIV
Graph 23. 128 kHz
Sawtooth Waveform Response
VR
(2 V/DIV)
VO
(2 V/DIV)
2
µs/DIV
Graph 24. Clock and SDI
Feedthrough
LD
(5 V/DIV)
VO
(10mV/DIV)
2
µs/DIV
Graph 25. Clock/SDI
Feedthrough
LD
(5 V/DIV)
VO
(10mV/DIV)
2
µs/DIV
Graph 26. Typical Gain and Group
Delay vs. Frequency (with 5K resistor
across output to VEE)
MHz
Gain
(5 dB/DIV)
Group Delay
(20 ns/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com