Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7641 Datasheet(PDF) 21 Page - Exar Corporation

Part # MP7641
Description  8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7641 Datasheet(HTML) 21 Page - Exar Corporation

Back Button MP7641 Datasheet HTML 16Page - Exar Corporation MP7641 Datasheet HTML 17Page - Exar Corporation MP7641 Datasheet HTML 18Page - Exar Corporation MP7641 Datasheet HTML 19Page - Exar Corporation MP7641 Datasheet HTML 20Page - Exar Corporation MP7641 Datasheet HTML 21Page - Exar Corporation MP7641 Datasheet HTML 22Page - Exar Corporation MP7641 Datasheet HTML 23Page - Exar Corporation MP7641 Datasheet HTML 24Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MP7641
21
Rev. 2.00
SYMBOL
MIN
MAX
MIN
MAX
A
2.60
2.80
0.102
0.110
A1
0.2 (typ.)
0.008 (typ.)
B
0.3
0.5
0.012
0.020
C
0.10
0.20
0.004
0.008
D
17.6
18.0
0.693
0.709
E
8.3
8.5
0.327
0.335
e
1.27 (typ.)
0.050 (typ.)
H
11.5
12.1
0.453
0.477
L
0.8
1.2
0.031
0.047
INCHES
MILLIMETERS
e
28 LEAD SMALL OUTLINE
(335 MIL EIAJ SOIC)
R28
A
L
C
D
E
H
B
A1
Seating
Plane
28
1
15
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com