Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7641 Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7641
Description  8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7641 Datasheet(HTML) 2 Page - Exar Corporation

  MP7641 Datasheet HTML 1Page - Exar Corporation MP7641 Datasheet HTML 2Page - Exar Corporation MP7641 Datasheet HTML 3Page - Exar Corporation MP7641 Datasheet HTML 4Page - Exar Corporation MP7641 Datasheet HTML 5Page - Exar Corporation MP7641 Datasheet HTML 6Page - Exar Corporation MP7641 Datasheet HTML 7Page - Exar Corporation MP7641 Datasheet HTML 8Page - Exar Corporation MP7641 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MP7641
2
Rev. 2.00
SIMPLIFIED BLOCK DIAGRAM
©
DGND
SDO
CLK
RST
1-Bit
Latch
SDI
12-Bit Shift Register
DB0 to DB7
4-Bit Address
LD
AGND
8
VEE
VCC
VDD
VO0
VO7
DAC 0
DAC 7
DAC 1
8-Bit Latch
8-Bit Latch
8-Bit Latch
4-8 DEC
8
8
8
8
3-State
Buffer
VO1
8
4
LD
+1
+1
+1
1-Bit
Latch
VR0
VR1
VR7
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
SOIC
–40 to +85
°C
MP7641AS
+0.8
+1+1.5
Plastic Dip
–40 to +85
°C
MP7641AN
+0.8
+1+1.5
INL
(LSB)
Gain Error
(% FSR)
DNL
(LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com