Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7641 Datasheet(PDF) 20 Page - Exar Corporation

Part # MP7641
Description  8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7641 Datasheet(HTML) 20 Page - Exar Corporation

Back Button MP7641 Datasheet HTML 16Page - Exar Corporation MP7641 Datasheet HTML 17Page - Exar Corporation MP7641 Datasheet HTML 18Page - Exar Corporation MP7641 Datasheet HTML 19Page - Exar Corporation MP7641 Datasheet HTML 20Page - Exar Corporation MP7641 Datasheet HTML 21Page - Exar Corporation MP7641 Datasheet HTML 22Page - Exar Corporation MP7641 Datasheet HTML 23Page - Exar Corporation MP7641 Datasheet HTML 24Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
MP7641
20
Rev. 2.00
28 LEAD PLASTIC DUAL-IN-LINE
(300 MIL PDIP)
NN28
SYMBOL
MIN
MAX
MIN
MAX
INCHES
A
0.130
0.230
3.30
5.84
A1
0.015
––
0.381
––
B
0.014
0.023
0.356
0.584
B1 (1)
0.038
0.065
0.965
1.65
C
0.008
0.015
0.203
0.381
D
1.340
1.485
34.04
37.72
E
0.290
0.325
7.37
8.26
E1
0.240
0.310
6.10
7.87
e
0.100 BSC
2.54 BSC
L
0.115
0.150
2.92
3.81
α
0
°
15
°
0
°
15
°
Q1
0.055
0.070
1.40
1.78
S
0.020
0.100
0.508
2.54
MILLIMETERS
Note:
(1)
The minimum limit for dimensions B1 may be 0.023”
(0.58 mm) for all four corner leads only.
28
1
15
14
D
eB1
A1
E1
A
L
B
Q1
Seating
Plane
α
C
E
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com