Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 387 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 387 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 383Page - Renesas Technology Corp SH7041A Datasheet HTML 384Page - Renesas Technology Corp SH7041A Datasheet HTML 385Page - Renesas Technology Corp SH7041A Datasheet HTML 386Page - Renesas Technology Corp SH7041A Datasheet HTML 387Page - Renesas Technology Corp SH7041A Datasheet HTML 388Page - Renesas Technology Corp SH7041A Datasheet HTML 389Page - Renesas Technology Corp SH7041A Datasheet HTML 390Page - Renesas Technology Corp SH7041A Datasheet HTML 391Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 923 page
background image
349
4.When performing brushless DC motor control, set bit BDC in the timer gate control register
(TGCR) and set the feedback signal input source and output chopping or gate signal direct
output.
5.Reset TCNT3 and TCNT4 to H'0000.
6. TGR3A is the period register. Set the waveform period value in TGR3A. Set the transition
times of the PWM output waveforms in TGR3B, TGR4A, and TGR4B. Set times within the
compare-match range of TCNT3. X
≤ TGR3A (X: set value). With X = TGRA (cycle = duty
cycle), the output waveform goes into toggle operation at the point where TCNT3 = TGR3A =
X.
7.Select enabling/disabling of toggle output synchronized with the PMW cycle using bit PSYE
in the timer output control register (TOCR), and set the PWM output level with bits OLSP and
OLSN.
8.Set bits MD3–MD0 in TMDR3 to B'1000 to select the reset-synchronized PWM mode.
TIOC3B, TIOC3D, TIOC4A, TIOC4B, TIOC4C, and TIOC4D become PWM output pins.
9.Set the CST3 bit in the TSTR to 1 to start the count operation.
10.Set the STR3 bit in the TSTR to 1 to let the TCNT3 start counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com