Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 71Page - Renesas Technology Corp SH7041A Datasheet HTML 72Page - Renesas Technology Corp SH7041A Datasheet HTML 73Page - Renesas Technology Corp SH7041A Datasheet HTML 74Page - Renesas Technology Corp SH7041A Datasheet HTML 75Page - Renesas Technology Corp SH7041A Datasheet HTML 76Page - Renesas Technology Corp SH7041A Datasheet HTML 77Page - Renesas Technology Corp SH7041A Datasheet HTML 78Page - Renesas Technology Corp SH7041A Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 923 page
background image
37
1.3.3
Pin Functions
Table 1.7 lists the pin functions.
Table 1.7
Pin Functions
Classification
Symbol
I/O
Name
Function
Power supply
V
CC
I
Supply
Connects to power supply.
Connect all V
CC pins to the system
supply. No operation will occur if
there are any open pins.
V
SS
I
Ground
Connects to ground.
Connect all V
SS pins to the system
ground. No operation will occur if
there are any open pins.
V
PP
I
Program
supply
Connects to the power supply (V
CC)
during normal operation.
When in PROM mode, apply 12.5 V.
Clock
PLLVCC
I
PLL supply
On-chip PLL oscillator supply.
PLLVSS
I
PLL ground
On-chip PLL oscillator ground.
PLLCAP
I
PLL
capacitance
On-chip PLL oscillator external
capacitance connection pin.
EXTAL
I
External clock
Connect a crystal oscillator. Also, an
external clock can be input to the
EXTAL pin.
XTAL
I
Crystal
Connect a crystal oscillator.
CK
O
System clock
Supplies the system clock to
peripheral devices.
System control
RES
I
Power-on reset
Power-on reset when low
MRES
I
Manual reset
Manual reset when low
WDTOVF
O
Watchdog
timer overflow
Overflow output signal from WDT
BREQ
I
Bus request
Goes low when external device
requests bus right release
BACK
O
Bus request
acknowledge
Indicates that bus right has been
released to external device. The
device that output the
BREQ signal
receives the
BACK signal, notifying
the device that it has obtained the bus
right.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com