Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 72Page - Renesas Technology Corp SH7041A Datasheet HTML 73Page - Renesas Technology Corp SH7041A Datasheet HTML 74Page - Renesas Technology Corp SH7041A Datasheet HTML 75Page - Renesas Technology Corp SH7041A Datasheet HTML 76Page - Renesas Technology Corp SH7041A Datasheet HTML 77Page - Renesas Technology Corp SH7041A Datasheet HTML 78Page - Renesas Technology Corp SH7041A Datasheet HTML 79Page - Renesas Technology Corp SH7041A Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 923 page
background image
38
Table 1.7
Pin Functions (cont)
Classification
Symbol
I/O
Name
Function
Operating
mode control
MD0–MD3
I
Mode set
Determines the operating mode. Do
not change input value during
operation.
FWP
I
Flash memory
write protect
Protects flash memory from being
written or deleted.
Interrupts
NMI
I
Non-maskable
interrupt
Non-maskable interrupt request pin.
Enables selection of whether to
accept on the rising or falling edge.
IRQ0–
IRQ7
I
Interrupt
requests 0–7
Maskable interrupt request pins.
Allows selection of level input and
edge input.
IRQOUT
O
Interrupt request
output
Indicates that interrupt cause has
occurred. Enables notification of
interrupt generation also during bus
release.
Address bus
A0–A21
O
Address bus
Outputs addresses.
Data bus
D0–D15
(QFP-112)
D0–D31
(QFP-144)
I/O
Data bus
16-bit (QFP-112 pin and TQFP-120
pin versions) or 32-bit (QFP-144 pin
version) bidirectional data bus.
Bus control
CS0–CS3
O
Chip selects 0–3
Chip select signals for external
memory or devices.
RD
O
Read
Indicates reading from an external
device.
WRH
O
Upper write
Indicates writing the upper 8 bits
(15–8) of external data.
WRL
O
Lower write
Indicates writing the lower 8 bits
(7–0) of external data.
WAIT
I
Wait
Input causes insertion of wait cycles
into the bus cycle during external
space access.
RAS
O
Row address
strobe
Timing signal for DRAM row
address strobe.
CASH
O
Upper column
address strobe
Timing signal for DRAM column
address strobe.
Output when the upper 8 bits of
data are accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com