Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 50Page - Renesas Technology Corp SH7041A Datasheet HTML 51Page - Renesas Technology Corp SH7041A Datasheet HTML 52Page - Renesas Technology Corp SH7041A Datasheet HTML 53Page - Renesas Technology Corp SH7041A Datasheet HTML 54Page - Renesas Technology Corp SH7041A Datasheet HTML 55Page - Renesas Technology Corp SH7041A Datasheet HTML 56Page - Renesas Technology Corp SH7041A Datasheet HTML 57Page - Renesas Technology Corp SH7041A Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 923 page
background image
16
1.3.2
Pin Arrangement by Mode
Table 1.2
Pin Arrangement by Mode for SH7040, SH7042 (QFP-112 Pin)
Pin No.
MCU Mode
PROM Mode
1
PE14/TIOC4C/DACK0/
AH
V
CC
2
PE15/TIOC4D/DACK1/
IRQOUT
CE
3V
SS
V
SS
4
PC0/A0
A0
5
PC1/A1
A1
6
PC2/A2
A2
7
PC3/A3
A3
8
PC4/A4
A4
9
PC5/A5
A5
10
PC6/A6
A6
11
PC7/A7
A7
12
PC8/A8
A8
13
PC9/A9
NC
14
PC10/A10
A10
15
PC11/A11
A11
16
PC12/A12
A12
17
PC13/A13
A13
18
PC14/A14
A14
19
PC15/A15
A15
20
PB0/A16
A16
21
V
CC
V
CC
22
PB1/A17
NC
23
V
SS
V
SS
24
PB2/
IRQ0/POE0/RAS
NC
25
PB3/
IRQ1/POE1/CASL
OE
26
PB4/
IRQ2/POE2/CASH
PGM
27
V
SS
V
SS
28
PB5/
IRQ3/POE3/RDWR
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com