Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 84Page - Renesas Technology Corp SH7041A Datasheet HTML 85Page - Renesas Technology Corp SH7041A Datasheet HTML 86Page - Renesas Technology Corp SH7041A Datasheet HTML 87Page - Renesas Technology Corp SH7041A Datasheet HTML 88Page - Renesas Technology Corp SH7041A Datasheet HTML 89Page - Renesas Technology Corp SH7041A Datasheet HTML 90Page - Renesas Technology Corp SH7041A Datasheet HTML 91Page - Renesas Technology Corp SH7041A Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 923 page
background image
50
Table 2.3
Delayed Branch Instructions
SH7040 Series CPU
Description
Example of Conventional CPU
BRA
TRGET
ADD
R1,R0
Executes an ADD before
branching to TRGET
ADD.W
R1,R0
BRA
TRGET
Multiplication/Accumulation Operation: 16-bit
× 16-bit → 32-bit multiplication operations are
executed in one to two cycles. 16-bit
× 16-bit + 64-bit → 64-bit multiplication/accumulation
operations are executed in two to three cycles. 32-bit
× 32-bit → 64-bit and 32-bit × 32-bit + 64-
bit
→ 64-bit multiplication/accumulation operations are executed in two to four cycles.
T Bit: The T bit in the status register changes according to the result of the comparison, and in
turn is the condition (true/false) that determines if the program will branch. The number of
instructions that change the T bit is kept to a minimum to improve the processing speed (table
2.4).
Table 2.4
T Bit
SH7040 Series CPU
Description
Example of Conventional CPU
CMP/GE
R1,R0
BT
TRGET0
BF
TRGET1
T bit is set when R0
≥ R1. The
program branches to TRGET0
when R0
≥ R1 and to TRGET1
when R0 < R1.
CMP.W
R1,R0
BGE
TRGET0
BLT
TRGET1
ADD
#1,R0
CMP/EQ
#0,R0
BT
TRGET
T bit is not changed by ADD. T bit is
set when R0 = 0. The program
branches if R0 = 0.
SUB.W
#1,R0
BEQ
TRGET
Immediate Data: Byte (8-bit) immediate data resides in instruction code. Word or longword
immediate data is not input via instruction codes but is stored in a memory table. An immediate
data transfer instruction (MOV) accesses the memory table using the PC relative addressing mode
with displacement (table 2.5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com