Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 398 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 398 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 394Page - Renesas Technology Corp SH7041A Datasheet HTML 395Page - Renesas Technology Corp SH7041A Datasheet HTML 396Page - Renesas Technology Corp SH7041A Datasheet HTML 397Page - Renesas Technology Corp SH7041A Datasheet HTML 398Page - Renesas Technology Corp SH7041A Datasheet HTML 399Page - Renesas Technology Corp SH7041A Datasheet HTML 400Page - Renesas Technology Corp SH7041A Datasheet HTML 401Page - Renesas Technology Corp SH7041A Datasheet HTML 402Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 923 page
background image
360
• Initialization
In complementary PWM mode, there are six registers that must be initialized.
Before setting complementary PWM mode with bits MD3–MD0 in the timer mode register
(TMDR), the following initial register values must be set.
TGR3C operates as the buffer register for TGR3A, and should be set with 1/2 the PWM carrier
cycle + dead time Td. The timer cycle buffer register (TCBR) operates as the buffer register for
the timer cycle data register (TCDR), and should be set with 1/2 the PWM carrier cycle. Set
dead time Td in the timer dead time data register (TDDR).
Set the respective initial PWM duty values in buffer registers TGR3D, TGR4C, and TGR4D.
The values set in the five buffer registers excluding TDDR are transferred simultaneously to
the corresponding compare registers when complementary PWM mode is set.
Set TCNT4 to H'0000 before setting complementary PWM mode.
Table 12.17 Registers and Counters Requiring Initialization
Register/Counter
Set Value
TGR3C
1/2 PWM carrier cycle + dead time Td
TDDR
Dead time Td
TCBR
1/2 PWM carrier cycle
TGR3D, TGR4C, TGR4D
Initial PWM duty value for each phase
TCNT4
H'0000
Note:
The TGR3C set value must be the sum of 1/2 the PWM carrier cycle set in TCBR and dead
time Td set in TDDR.
• PWM output level setting
In complementary PWM mode, the PWM pulse output level is set with bits OLSN and OLSP
in the timer output control register (TOCR).
The output level can be set for each of the three positive phases and three negative phases of 6-
phase output.
Complementary PWM mode should be cleared before setting or changing output levels.
• Dead time setting
In complementary PWM mode, PWM pulses are output with a non-overlapping relationship
between the positive and negative phases. This non-overlap time is called the dead time.
The non-overlap time is set in the timer dead time data register (TDDR). The value set in
TDDR is used as the TCNT3 counter start value, and creates non-overlap between TCNT3 and
TCNT4. Complementary PWM mode should be cleared before changing the contents of
TDDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com