Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 409 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 409 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 405Page - Renesas Technology Corp SH7041A Datasheet HTML 406Page - Renesas Technology Corp SH7041A Datasheet HTML 407Page - Renesas Technology Corp SH7041A Datasheet HTML 408Page - Renesas Technology Corp SH7041A Datasheet HTML 409Page - Renesas Technology Corp SH7041A Datasheet HTML 410Page - Renesas Technology Corp SH7041A Datasheet HTML 411Page - Renesas Technology Corp SH7041A Datasheet HTML 412Page - Renesas Technology Corp SH7041A Datasheet HTML 413Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 923 page
background image
371
• Complementary PWM mode 0% and 100% duty output
In complementary PWM mode, 0% and 100% duty cycles can be output as required. Figures
12.48 to 12.52 show output examples.
100% duty output is performed when the data register value is set to H'0000. The waveform in
this case has a positive phase with a 100% on-state. 0% duty output is performed when the data
register value is set to the same value as TGR3A. The waveform in this case has a positive
phase with a 100% off-state.
On and off compare-matches occur simultaneously, but if a turn-on compare-match and turn-
off compare-match for the same phase occur simultaneously, both compare-matches are
ignored and the waveform does not change.
• Toggle output synchronized with PWM cycle
In complementary PWM mode, toggle output can be performed in synchronization with the
PWM carrier cycle by setting the PSYE bit to 1 in the timer output control register (TOCR).
An example of a toggle output waveform is shown in figure 12.53.
This output is toggled by a compare-match between TCNT3 and TGR3A and a compare-match
between TCNT4 and H'0000.
The output pin for this toggle output is the TIOC3A pin. The initial output is 1.
TGR3A
H'0000
Toggle output
TIOC3A pin
TCNT4
TCNT3
Figure 12.53 Example of Toggle Output Waveform Synchronized with PWM Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com