Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 441 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 441 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 437Page - Renesas Technology Corp SH7041A Datasheet HTML 438Page - Renesas Technology Corp SH7041A Datasheet HTML 439Page - Renesas Technology Corp SH7041A Datasheet HTML 440Page - Renesas Technology Corp SH7041A Datasheet HTML 441Page - Renesas Technology Corp SH7041A Datasheet HTML 442Page - Renesas Technology Corp SH7041A Datasheet HTML 443Page - Renesas Technology Corp SH7041A Datasheet HTML 444Page - Renesas Technology Corp SH7041A Datasheet HTML 445Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 923 page
background image
403
When TCNT3 and TCNT4 count up to H'FFFF, a compare-match occurs with TGR3A, and
TCNT3 and TCNT4 are both cleared. At this point, TSR3’s TCFV bit is not set, but the TCFV bit
of TSR4 is set.
This can be avoided by sync setting for channel 3 and channel 4. Set the SYNC3 and SYNC4 bits
of the timer sync register (TSYR) to 1, compare-match with TGR3A by TCR3 for the counter
clear source, and sync clear with TCR4. This gives the sync setting for channels 3 and 4.
Figure 12.89 shows a TCFV bit operation example in reset sync PWM mode with a set value for
cycle register TGR3A of H'FFFF, when a TGR3A compare-match has been specified without
synchronous setting for the counter clear source.
TGR3A
(H'FFFF)
H'0000
TCF3V
TCF4V
TCNT3 = TCNT4
Counter cleared by compare match A3
Not set
Set
Figure 12.89 Reset Sync PWM Mode Overflow Flag
• A mask operation
For A mask, the above operation is modified as follows:
When set to reset sync PWM mode, TCNT3 and TCNT4 start counting when the CST3 bit of
TSTR is set to 1. At this point, TCNT4’s count clock source and count edge obey the TCR3
setting.
In reset sync PWM mode, with cycle register TGR3A’s set value at H'FFFF and specifying
TGR3A compare-match for the counter clear source, the operation of the overflow flag TCFV
bit for both TSR3 and TSR4 will be the same.
When TCNT3 and TCNT4 count up to H'FFFF, a compare-match occurs with TGR3A, and
TCNT3 and TCNT4 are both cleared. At this point, TCFV bits for TSR3 and TSR4 are not set.
Figure 12.90 shows a TCFV bit operation example in reset sync PWM mode with a set value
for cycle register TGR3A of H'FFFF, when a TGR3A compare-match has been specified
without synchronous setting for the counter clear source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com