Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 534 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 534 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 530Page - Renesas Technology Corp SH7041A Datasheet HTML 531Page - Renesas Technology Corp SH7041A Datasheet HTML 532Page - Renesas Technology Corp SH7041A Datasheet HTML 533Page - Renesas Technology Corp SH7041A Datasheet HTML 534Page - Renesas Technology Corp SH7041A Datasheet HTML 535Page - Renesas Technology Corp SH7041A Datasheet HTML 536Page - Renesas Technology Corp SH7041A Datasheet HTML 537Page - Renesas Technology Corp SH7041A Datasheet HTML 538Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 534 / 923 page
background image
496
Table 14.4
Bit Rates and BRR Settings in Clocked Synchronous Mode (cont)
φ (MHz)
Bit Rate
30
32
33
33.3333
(Bits/s)
n
N
n
N
n
N
n
N
110
250
500
3
233
3
249
1k
3
116
3
124
3
128
3
129
2.5k
2
187
2
199
2
205
2
207
5k
2
93
2
99
2
102
2
103
10k
1
187
1
199
1
205
1
207
25k
1
74
1
79
1
82
1
82
50k
0
149
0
159
0
164
0
166
100k
0
74
0
79
0
82
0
82
250k
0
29
0
31
0
32
0
32
500k
0
14
0
15
0
16
0
16
1M
0
7
0
7
0
7
0
7
2.5M
0
2
0
2
0
2
—
—
5M
—
—
—
—
—
—
—
—
7M
—
—
—
—
—
—
—
—
Note:
Settings with an error of 1% or less are recommended.
Legend
Blank: No setting available
—: Setting possible, but error occurs
*: Continuous transmission/reception is not possible.
The BRR setting is calculated as follows:
Asynchronous mode:
N=
64
× 2
× B
× 10 –1
2n–1
6
φ
Synchronous mode:
64
× 2
× B
2n–1
φ
N=
× 10 –1
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com