Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 555 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 555 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 551Page - Renesas Technology Corp SH7041A Datasheet HTML 552Page - Renesas Technology Corp SH7041A Datasheet HTML 553Page - Renesas Technology Corp SH7041A Datasheet HTML 554Page - Renesas Technology Corp SH7041A Datasheet HTML 555Page - Renesas Technology Corp SH7041A Datasheet HTML 556Page - Renesas Technology Corp SH7041A Datasheet HTML 557Page - Renesas Technology Corp SH7041A Datasheet HTML 558Page - Renesas Technology Corp SH7041A Datasheet HTML 559Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 555 / 923 page
background image
517
TDRE
TEND
TxI interrupt
handler writes
data in TDR and
clears TDRE to 0
TxI
interrupt
request
TEI
interrupt
request
1 frame
01
1
1
0/1
0
1
Multiprocessor
bit
Multiprocessor
bit
Serial
data
Start
bit
Data
Stop
bit
Start
bit
Data
Stop
bit
Idle
(marking
state)
D0
D1
D7
D0
D1
D7
0/1
Example: 8-bit data with multiprocessor bit and one stop bit
TxI
interrupt
request
Figure 14.12 SCI Multiprocessor Transmit Operation
Receiving Multiprocessor Serial Data: Figure 14.13 shows a sample flowchart for receiving
multiprocessor serial data. The procedure for receiving multiprocessor serial data is listed below.
1.SCI initialization: Set the RxD pin using the PFC.
2.ID receive cycle: Set the MPIE bit in the serial control register (SCR) to 1.
3.SCI status check and compare to ID reception: Read the serial status register (SSR), check that
RDRF is set to 1, then read data from the receive data register (RDR) and compare with the
processor’s own ID. If the ID does not match the receive data, set MPIE to 1 again and clear
RDRF to 0. If the ID matches the receive data, clear RDRF to 0.
4.Receive error handling and break detection: If a receive error occurs, read the ORER and FER
bits in SSR to identify the error. After executing the necessary error processing, clear both
ORER and FER to 0. Receiving cannot resume if ORER or FER remain set to 1. When a
framing error occurs, the RxD pin can be read to detect the break state.
5.SCI status check and data receiving: Read SSR, check that RDRF is set to 1, then read data
from the receive data register (RDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com