Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 561 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 561 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 557Page - Renesas Technology Corp SH7041A Datasheet HTML 558Page - Renesas Technology Corp SH7041A Datasheet HTML 559Page - Renesas Technology Corp SH7041A Datasheet HTML 560Page - Renesas Technology Corp SH7041A Datasheet HTML 561Page - Renesas Technology Corp SH7041A Datasheet HTML 562Page - Renesas Technology Corp SH7041A Datasheet HTML 563Page - Renesas Technology Corp SH7041A Datasheet HTML 564Page - Renesas Technology Corp SH7041A Datasheet HTML 565Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 561 / 923 page
background image
523
Figure 14.17 is a sample flowchart for initializing the SCI.
1.Select the clock source in the serial control register (SCR).Leave RIE, TIE, TEIE, MPIE, TE,
and RE cleared to 0.
2.Select the communication format in the serial mode register (SMR).
3.Write the value corresponding to the bit rate in the bit rate register (BRR) unless an external
clock is used.
4.Wait for at least the interval required to transmit or receive one bit, then set TE or RE in the
serial control register (SCR) to 1. Also set RIE, TIE, TEIE, and MPIE. The TxD, RxD pins
becomes usable in response to the PFC corresponding bits and the TE, RE bit settings.
Start of initialization
Clear TE and RE bits to 0 in SCR
1-bit interval elapsed?
Set TE and RE to 1 in SCR;
Set RIE, TIE, TEIE, and MPIE bits
Yes
No
1
Set RIE, TIE, TEIE, MPIE, CKE1,
and CKE0 bits in SCR
(TE and RE are 0)
End
Wait
Select transmit/receive
format in SMR
Set value in BRR
2
3
4
Figure 14.17 Sample Flowchart for SCI Initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com