Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 637 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 637 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 633Page - Renesas Technology Corp SH7041A Datasheet HTML 634Page - Renesas Technology Corp SH7041A Datasheet HTML 635Page - Renesas Technology Corp SH7041A Datasheet HTML 636Page - Renesas Technology Corp SH7041A Datasheet HTML 637Page - Renesas Technology Corp SH7041A Datasheet HTML 638Page - Renesas Technology Corp SH7041A Datasheet HTML 639Page - Renesas Technology Corp SH7041A Datasheet HTML 640Page - Renesas Technology Corp SH7041A Datasheet HTML 641Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 637 / 923 page
background image
599
Section 18 Pin Function Controller
18.1
Overview
The pin function controller (PFC) is composed of registers for selecting the function of
multiplexed pins and the direction of input/output. Table 18.1 lists the SH7040 Series’s
multiplexed pins. The multiplex pin functions have restrictions dependent on the operating mode.
Table 18.2 lists the pin functions and initial values for each operating mode.
Table 18.1
Multiplexed Pins
Port
Function 1
(Related Module)
Function 2
(Related Module)
Function 3
(Related Module)
Function 4
(Related Module)
FP-
112
FP-
144
TFP-
120
A
PA23 I/O (port)
WRHH output (BSC) —
—
—
1
—
PA22 I/O (port)
WRHL output (BSC) —
—
—
3
—
PA21 I/O (port)
CASHH output (BSC) —
—
—
4
—
PA20 I/O (port)
CASHL output (BSC) —
—
—
29
—
PA19 I/O (port)
BACK output (BSC) DRAK1 output
(DMAC)
—
—
30
—
PA18 I/O (port)
BREQ input (BSC)
DRAK0 output
(DMAC)
—
—
33
—
PA17 /O (port)
WAIT input (BSC)
—
—
—
101 —
PA16 I/O (port)
AH output (BSC)
—
—
—
100 —
PA15 I/O (port)
CK output (CPG)
—
—
83
10788
PA14 I/O (port)
RD output (BSC)
—
—
34
43
37
PA13 I/O (port)
WRH output (BSC)
—
—
36
4739
PA12 I/O (port)
WRL output (BSC)
—
—
38
48
41
PA11 I/O (port)
CS1 output (BSC)
—
—
40
49
43
PA10 I/O (port)
CS0 output (BSC)
—
—
41
50
44
PA9 I/O (port)
TCLKD input (MTU)
IRQ3 (INTC)
—
42
51
45
PA8 I/O (port)
TCLKC input (MTU)
IRQ2 (INTC)
—
43
52
46
PA7 I/O (port)
TCLKB input (MTU)
CS3 output (BSC) —
44
53
47
PA6 I/O (port)
TCLKA input (MTU)
CS2 output (BSC) —
45
54
48
PA5 I/O (port)
SCK1 I/O (SCI)
DREQ1 input
(DMAC)
IRQ1 input (INTC) 46
136 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com