Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 811 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 811 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 807Page - Renesas Technology Corp SH7041A Datasheet HTML 808Page - Renesas Technology Corp SH7041A Datasheet HTML 809Page - Renesas Technology Corp SH7041A Datasheet HTML 810Page - Renesas Technology Corp SH7041A Datasheet HTML 811Page - Renesas Technology Corp SH7041A Datasheet HTML 812Page - Renesas Technology Corp SH7041A Datasheet HTML 813Page - Renesas Technology Corp SH7041A Datasheet HTML 814Page - Renesas Technology Corp SH7041A Datasheet HTML 815Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 811 / 923 page
background image
773
25.3.8
Serial Communication Interface Timing
Table 25.12 Serial Communication Interface Timing (Conditions: V
CC = 5.0 V ± 10%, AVCC
= 5.0 V ± 10%, AV
CC = VCC ± 10%, AVref = 4.5 V to AVCC, VSS = AVSS = 0 V, Ta
= – 20 to +75
°C)
Item
Symbol
Min
Max
Unit
Figure
Input clock cycle
t
scyc
4—
t
cyc
25.27
Input clock cycle (clock sync)
t
scyc
6—
t
cyc
Input clock pulse width
t
sckw
0.4
0.6
t
scyc
Input clock rise time
t
sckr
—
1.5
t
cyc
Input clock fall time
t
sckf
—
1.5
t
cyc
Transmit data delay time (clock sync)
t
TXD
—
100
ns
25.28
Receive data setup time (clock sync)
t
RXS
100
—
ns
Receive data hold time (clock sync)
t
RXH
100
—
ns
tsckw
tsckr
tsckf
tscyc
SCK0, SCK1
Figure 25.27 Input Clock Timing
tscyc
tTXD
tRXS
tRXH
SCK0, SCK1
TXD0, TXD1
(Transmit data)
RXD0, RXD1
(Receive data)
Figure 25.28 SCI I/O Timing (Clock Sync Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com