Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 909 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 909 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 905Page - Renesas Technology Corp SH7041A Datasheet HTML 906Page - Renesas Technology Corp SH7041A Datasheet HTML 907Page - Renesas Technology Corp SH7041A Datasheet HTML 908Page - Renesas Technology Corp SH7041A Datasheet HTML 909Page - Renesas Technology Corp SH7041A Datasheet HTML 910Page - Renesas Technology Corp SH7041A Datasheet HTML 911Page - Renesas Technology Corp SH7041A Datasheet HTML 912Page - Renesas Technology Corp SH7041A Datasheet HTML 913Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 909 / 923 page
background image
871
Table C.4
Pin Settings for Normal External Space (cont)
32-Bit Space
Pin Name
MSB
2nd Byte 3rd Byte
LSB
Upper
Word
Lower
Word
Longword
CS0–CS3
Valid
Valid
Valid
Valid
Valid
Valid
Valid
RAS*
1
H
H
H
H
HHH
CASHH*
2
H
H
H
H
HHH
CASHL*
2
H
H
H
H
HHH
CASLH*
2
H
H
H
H
HHH
CASLL*
2
H
H
H
H
HHH
RD/WR
H
H
H
H
H
H
H
AH
L
L
L
L
LLL
RD
R
L
L
L
L
LLL
W
H
H
H
H
HHH
WRHH
R
H
H
H
H
HHH
WL
H
H
H
L
H
L
WRHL
R
H
H
H
H
HHH
WH
L
H
H
L
H
L
WRH
R
H
H
H
H
HHH
WH
H
L
H
H
L
L
WRL
R
H
H
H
H
HHH
WH
H
H
L
H
L
L
A21–A0
Address Address
Address
Address
Address
Address
Address
D31–D24
Data
High-Z
High-Z
High-Z
Data
High-Z
Data
D23–D16
High-Z
Data
High-Z
High-Z
Data
High-Z
Data
D15–D8
High-Z
High-Z
Data
High-Z
High-Z
Data
Data
D7–D0
High-Z
High-Z
High-Z
Data
High-Z
Data
Data
Notes: 1. R: Read, W: Write
2. Valid: Chip select signal corresponding with accessed area is low; chip select signal in
other cases is high.
*1 L asserted in RAS down mode or refresh mode.
*2 L asserted in refresh mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com