Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 915 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 915 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 911Page - Renesas Technology Corp SH7041A Datasheet HTML 912Page - Renesas Technology Corp SH7041A Datasheet HTML 913Page - Renesas Technology Corp SH7041A Datasheet HTML 914Page - Renesas Technology Corp SH7041A Datasheet HTML 915Page - Renesas Technology Corp SH7041A Datasheet HTML 916Page - Renesas Technology Corp SH7041A Datasheet HTML 917Page - Renesas Technology Corp SH7041A Datasheet HTML 918Page - Renesas Technology Corp SH7041A Datasheet HTML 919Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 915 / 923 page
background image
877
Table E.1
SH7040, SH7041, SH7042, SH7043, SH7044, and SH7045 Product Lineup (cont)
Product
Type
Mask
Version Product Code
Mark Code
Package
Order Model No.*
2
SH7042A Z-TAT
A MASK HD6477042AF28
HD6477042AF28
QFP2020-112
HD6477042AF28
version
HD6477042AVF16
HD6477042AVF16
QFP2020-112
HD6477042AVF16
HD6477042AVX16
HD6477042AVX16
TQFP1414-120
HD6477042AVX16
HD6477042ACF28
HD6477042ACF28
QFP2020-112Cu*
1
HD6477042ACF28
HD6477042AVCF16 HD6477042AVCF16
QFP2020-112Cu*
1
HD6477042AVCF16
SH7043
Mask ROM –
HD6437043F28
HD6437043(***)F28
QFP2020-144
HD6437043***F
version
HD6437043VF16
HD6437043(***)VF16
QFP2020-144
HD6437043***F
Z-TAT
–
HD6477043F28
HD6477043F28
QFP2020-144
HD6477043F28
version
HD6477043VF16
HD6477043VF16
QFP2020-144
HD6477043VF16
SH7043A Mask ROM A MASK HD6437043AF28
HD6437043A(***)F28
QFP2020-144
HD6437043A***F
version
HD6437043AVF16
HD6437043A(***)VF16
QFP2020-144
HD6437043A***F
HD6437043ACF28
HD6437043A(***)CF28
QFP2020-144Cu*
1
HD6437043A***CF
HD6437043AVCF16 HD6437043A(***)VCF16 QFP2020-144Cu*
1
HD6437043A***CF
Z-TAT
A MASK HD6477043AF28
HD6477043AF28
QFP2020-144
HD6477043AF28
version
HD6477043AVF16
HD6477043AVF16
QFP2020-144
HD6477043AVF16
HD6477043ACF28
HD6477043ACF28
QFP2020-144Cu*
1
HD6477043ACF28
HD6477043AVCF16 HD6477043AVCF16
QFP2020-144Cu*
1
HD6477043AVCF16
SH7044
Mask ROM
version
A MASK HD6437044F28
HD6437044(***)F28
QFP2020-112
HD6437044***F
F-ZTAT
version
HD64F7044F28
HD64F7044F28
QFP2020-112
HD64F7044F28
SH7045
Mask ROM
version
A MASK HD6437045F28
HD6437045(***)F28
QFP2020-144
HD6437045***F
F-ZTAT
version
HD64F7045F28
HD64F7045F28
QFP2020-144
HD64F7045F28
(***) is the ROM code.
Notes: *1 Package with Copper used as the lead material.
*2 *** in the Order Model No. is the ROM code, consisting of a letter and a two-digit
number (ex. E00). The letter indicates the voltage and frequency, as shown below.
• E, F, G, H: 5.0 V, 28 MHz
• P, Q, R: 3.3 V, 16 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com